Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3PCS03G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # ICE3PCS03G
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3PCS03G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button ICE3PCS03G Datasheet HTML 10Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 11Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 12Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 13Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 14Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 15Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 16Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 17Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
CCM-PFC
ICE3PCS03G
Electrical Characteristics
Version 2.0
14
5 May 2010
4
Electrical Characteristics
All voltages are measured with respect to ground (pin 2). The voltage levels are valid if other ratings are not
violated.
4.1
Absolute Maximum Ratings
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction of the
integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 7 (VCC) is
discharged before assembling the application circuit.
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
VCC Supply Voltage
VVCC
-0.3
26
V
GATE Voltage
VGATE
-0.3
17
V
Clamped at 15V if
driven internally.
ISENSE Voltage
VISENSE
-20
5.3
V
1)
1)
Absolute ISENSE current should not be exceeded
ISENSE Current
IISENSE
-1
1
mA
VSENSE Voltage
VVSENSE
-0.3
5.3
V
VSENSE Current
IVSENSE
-1
1
mA
ICOMP Voltage
VICOMP
-0.3
5.3
V
FREQ Voltage
VFREQ
-0.3
5.3
V
BOP Voltage
VBOP
-0.3
9.5
V
2)
2)
Absolute BOP current should not be exceeded
BOP Current
IBOP
-1
35
µA
Junction Temperature
TJ
-40
150
°C
Storage Temperature
TA,STO
-55
150
°C
Thermal Resistance
RTHJA
185
K/W Junction to Air
Soldering Temperature
TSLD
260
°C
Wave Soldering3)
3)
According to JESD22A111
ESD Capability
VESD
2
kV
Human Body Model4)
4)
According to EIA/JESD22-A114-B (discharging an 100 pF capacitor through an 1.5k
Ω series resistor)


Similar Part No. - ICE3PCS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
1Mb / 34P
Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
More results

Similar Description - ICE3PCS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com