Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3PCS03G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICE3PCS03G
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3PCS03G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE3PCS03G Datasheet HTML 7Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 8Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 9Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 10Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 11Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 12Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 13Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 14Page - Infineon Technologies AG ICE3PCS03G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CCM-PFC
ICE3PCS03G
Functional Description
Version 2.0
11
5 May 2010
Figure 9
Average Current Control in CCM
The PWM is performed by the intersection of a ramp
signal with the averaged inductor current at pin 3
(ICOMP). The PWM cycles starts with the Gate turn off
for a duration of TOFFMIN (600ns typ.) and the ramp is
kept discharged. The ramp is allowed to rise after the
TOFFMIN expires. The off time of the boost transistor
ends at the intersection of the ramp signal and the
averaged current waveform. This results in the
proportional relationship between the average current
and the off duty cycle DOFF.
Figure 10 shows the timing diagrams of the TOFFMIN and
the gate waveforms.
Figure 10
Ramp and PWM waveforms
3.7
PWM Logic
The PWM logic block prioritizes the control input signal
and generates the final logic signal to turn on the driver
stage. The speed of the logic gates in this block,
together with the width of the reset pulse TOFFMIN, are
designed to meet a maximum duty cycle DMAX of 95%
at the GATE output under 65kHz of operation.
In case of high input currents which results in Peak
Current Limitation, the GATE will be turned off
immediately and maintained in off state for the current
PWM cycle. The signal TOFFMIN resets (highest priority,
overriding other input signals) both the current limit
latch and the PWM on latch as illustrated in Figure 11.
Figure 11
PWM LOGIC
3.8
System Protection
The IC provides numerous protection features in order
to ensure the PFC system in safe operation.
3.8.1
Input Voltage Brownout Protection(BOP)
Brownout occurs when the input voltage VIN falls below
the minimum input voltage of the design (i.e. 85V for
universal input voltage range) and the VCC has not
entered into the VCCUVLO level yet. For a system without
BOP, the boost converter will increasingly draw a
higher current from the mains at a given output power
which may exceed the maximum design values of the
input current.
ICE3PCS03G provides a new BOP feature whereby it
senses directly the input voltage for Input Brown-Out
condition via an external resistor/capacitor/diode
network shown in Figure 12. This network provides a
filtered value of VIN which turns the IC on when the
voltage at pin 5 (BOP) is more than 1.25V. The IC
enters into the fault mode when BOP goes below 1.0V.
The hysteresis prevents the system to oscillate
between normal and fault mode. Note also that the
peak of VIN needs to be at least 20% of the rated VOUT
in order to overcome OLP and powerup system.
Ramp Profile
Ave(Iin) at ICOMP
Gate
Drive
t
t
PWM Cycle
Ramp
Released
Toff_min 600 ns
Clock
VC,ref
(1)
Vramp
GATE
(1)Vc,ref is a function of VICOMP
R
S
Q
Q
Current
limit Latch
R
S
Q
Q
PWM on
Latch
High = turn on Gate
Toff_min
600ns
Peak current limit
Current loop
PWM on signal


Similar Part No. - ICE3PCS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
1Mb / 34P
Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
More results

Similar Description - ICE3PCS03G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com