Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L150R07W2E3_B11 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # F3L150R07W2E3_B11
Description  EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F3L150R07W2E3_B11 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button F3L150R07W2E3_B11 Datasheet HTML 2Page - Infineon Technologies AG F3L150R07W2E3_B11 Datasheet HTML 3Page - Infineon Technologies AG F3L150R07W2E3_B11 Datasheet HTML 4Page - Infineon Technologies AG F3L150R07W2E3_B11 Datasheet HTML 5Page - Infineon Technologies AG F3L150R07W2E3_B11 Datasheet HTML 6Page - Infineon Technologies AG F3L150R07W2E3_B11 Datasheet HTML 7Page - Infineon Technologies AG F3L150R07W2E3_B11 Datasheet HTML 8Page - Infineon Technologies AG F3L150R07W2E3_B11 Datasheet HTML 9Page - Infineon Technologies AG F3L150R07W2E3_B11 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
;
! "#
"#
; 8
0S 7 F
8
#
8&
; 8
0S 7 F
8
#
8&
; 8
0S 7 F
8
#
8&
; 8
0S 7 F
8
#
8&
9
8 )
0S 7 0
#
&
9
8 )
0S 7 0
#
&
9
8 )
0S 7 0
#
&
9
8 )
0S 7 0
#
&
$21 . #GT&O $2bb . #GT&
$21 . #GT&O $2bb . #GT&
$21 . #GT&O $2bb . #GT&
$21 . #GT&O $2bb . #GT&
'T, . `
'O 0+ .
4O '+, .
'
'T, . `
'O 0+ .
4O '+, .
'
'T, . `
'O 0+ .
4O '+, .
'
'T, . `
'O 0+ .
4O '+, .
'
GT v[x
;
<
:
.
.
;
:
.
;
:
$21O 7LM .
NH
$2bbO 7LM .
NH
$2bbO 7LM .
NH
$2bbO 7LM .
NH
7
F (
9
0S 7 F
8
7
F (
9
0S 7 F
8
7
F (
9
0S 7 F
8
7
F (
9
0S 7 F
8
8
0S 7
8
0S 7
8
0S 7
8
0S 7
€BWhl . # &
€BWhl . # &
€BWhl . # &
€BWhl . # &
v x
9
9
9
9
9
€BWhl 0S 7
Zv *F x
Zv x
O
%
O
O
O
O /J
O
O
O
; 8
G^ :9(
4
8 0S 7 F
#G ;D4&
; 8
G^ :9(
4
8 0S 7 F
#G ;D4&
; 8
G^ :9(
4
8 0S 7 F
#G ;D4&
; 8
G^ :9(
4
8 0S 7 F
#G ;D4&
)
0S 7
#G ;D4&
)
0S 7
#G ;D4&
)
0S 7
#G ;D4&
)
0S 7
#G ;D4&
0+ . #'+,&
0+ . #'+,&
0+ . #'+,&
0+ . #'+,&
'T, . `
'O GT2bb .
[O 7LM .
NH
'T, . `
'O GT2bb .
[O 7LM .
NH
'T, . `
'O GT2bb .
[O 7LM .
NH
'T, . `
'O GT2bb .
[O 7LM .
NH
'+, v'x
.
;
;
<
:
.
0+O
0+O H8
8
:
F
8
#
8&
8
:
F
8
#
8&
8
:
F
8
#
8&
8
:
F
8
#
8&
9
8
#
&
9
8
#
&
9
8
#
&
9
8
#
&
0m . #'m&
0m . #'m&
0m . #'m&
0m . #'m&
'm v'x
9
9
9.
9;
9:
9
9
9.
9;
9:
9
;
<
:
.
7LM .
NH
7LM .
NH
7LM .
NH


Similar Part No. - F3L150R07W2E3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11 Datasheet
836Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11_13 Datasheet
836Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
More results

Similar Description - F3L150R07W2E3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F4-75R06W1E3 INFINEON-F4-75R06W1E3 Datasheet
546Kb / 9P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-01-06 revision:3.0
F3L75R07W2E3_B11 INFINEON-F3L75R07W2E3_B11 Datasheet
652Kb / 10P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-04-10 revision:2.0
F3L100R07W2E3_B11 INFINEON-F3L100R07W2E3_B11 Datasheet
665Kb / 10P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-04-10 revision:2.0
F4-50R06W1E3 INFINEON-F4-50R06W1E3 Datasheet
542Kb / 9P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-01-06 revision:3.0
F3L50R06W1E3_B11 INFINEON-F3L50R06W1E3_B11 Datasheet
574Kb / 10P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-09-09 revision:3.0
F4-30R06W1E3 INFINEON-F4-30R06W1E3 Datasheet
545Kb / 9P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-01-06 revision:3.0
FP10R06W1E3_B11 INFINEON-FP10R06W1E3_B11 Datasheet
673Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:3.0
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP20R06W1E3_B11 INFINEON-FP20R06W1E3_B11 Datasheet
678Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FS30R06W1E3_B11 INFINEON-FS30R06W1E3_B11 Datasheet
571Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com