Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D820N Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # D820N
Description  Netz-Gleichrichterdiode Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D820N Datasheet(HTML) 7 Page - Infineon Technologies AG

  D820N Datasheet HTML 1Page - Infineon Technologies AG D820N Datasheet HTML 2Page - Infineon Technologies AG D820N Datasheet HTML 3Page - Infineon Technologies AG D820N Datasheet HTML 4Page - Infineon Technologies AG D820N Datasheet HTML 5Page - Infineon Technologies AG D820N Datasheet HTML 6Page - Infineon Technologies AG D820N Datasheet HTML 7Page - Infineon Technologies AG D820N Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D820N
IFBIP D AEC/ 2010-01-20, H.Sandmann
A 14/10
7/8
Seite/page
Qr Diagramm
100
1000
10000
0,1
1
10
100
-di/dt [A/µs]
iFM =
1600A
800A
400A
200A
100A
50A
Sperrverzögerungsladung / Recovered charge
Qr =f(-di/dt)
Tvj= Tvjmax , vR ≤ 0,5 VRRM , vRM = 0,8 VRRM
RC-Glied / RC-Network: R = 5,6Ω, C = 0,68µF
0-50V
0,33 VRRM
0,67 VRRM
0
1
2
3
4
5
6
7
8
9
10
1
3
5
7
9
1113151719
Anzahl der Pulse bei 50Hz Sinus Halbwellen
Number of pulses of 50Hz sinusoidal half waves
Typische Abhängigkeit des Grenzstromes IF(OV)M von der Anzahl für eine Folge von Sinus
Halbwellen bei 50Hz. Parameter: Rückwärtsspannung VRM
Typical dependency of maximum overload on-state current IF(OV)M as a number of a sequence of
sinusoidal half waves at 50Hz. Parameter: peak reverse voltage VRM
IF(OV)M = f (pulses, VRM) ; Tvj = Tvj max


Similar Part No. - D820N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D82025U2JH6 VISHAY-D82025U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D82025U2JH6 VISHAY-D82025U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D820J20SL0F6.J5R VISHAY-D820J20SL0F6.J5R Datasheet
113Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D820J20SL0F6.L2R VISHAY-D820J20SL0F6.L2R Datasheet
113Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D820J20SL0H6.J5R VISHAY-D820J20SL0H6.J5R Datasheet
326Kb / 7P
D Series
Revision: 07-Jan-10
More results

Similar Description - D820N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D850N INFINEON-D850N Datasheet
236Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
46DN06 INFINEON-46DN06 Datasheet
183Kb / 7P
Netz-Gleichrichterdiode Rectifier Diode
2011-02-17 revision:3.0
D650N INFINEON-D650N Datasheet
217Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2010-01-19 revision:3.1
65DN06B02 INFINEON-65DN06B02 Datasheet
447Kb / 9P
Netz-Gleichrichterdiode Rectifier Diode
2020-08-26 Revision: 3.1
38DN06B02 INFINEON-38DN06B02 Datasheet
415Kb / 9P
Netz-Gleichrichterdiode Rectifier Diode
2020-12-01 Revision: 3.1
D770N INFINEON-D770N Datasheet
217Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D950N INFINEON-D950N Datasheet
217Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D1050N INFINEON-D1050N Datasheet
235Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2009-06-16 revision:2
D8407N INFINEON-D8407N Datasheet
186Kb / 7P
Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:2
logo
eupec GmbH
D3041N EUPEC-D3041N Datasheet
288Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
46DN02 EUPEC-46DN02 Datasheet
116Kb / 12P
Netz-Gleichrichterdiode Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com