Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D820N Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # D820N
Description  Netz-Gleichrichterdiode Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D820N Datasheet(HTML) 5 Page - Infineon Technologies AG

  D820N Datasheet HTML 1Page - Infineon Technologies AG D820N Datasheet HTML 2Page - Infineon Technologies AG D820N Datasheet HTML 3Page - Infineon Technologies AG D820N Datasheet HTML 4Page - Infineon Technologies AG D820N Datasheet HTML 5Page - Infineon Technologies AG D820N Datasheet HTML 6Page - Infineon Technologies AG D820N Datasheet HTML 7Page - Infineon Technologies AG D820N Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D820N
IFBIP D AEC/ 2010-01-20, H.Sandmann
A 14/10
5/8
Seite/page
Diagramme
Diagramme
Durchlasskennlinie
Erhöhung des Zth DC bei sinus- und rechteckförmigen Strömen für unterschiedliche Stromflusswinkel Θ
Rise of Zth DC for sinewave and rectangular current for different current conduction angles Θ
∆Zth Θ rec / ∆Zth Θ sin
Kühlung / Cooling
Θ = 180°
Θ = 120°
Θ = 90°
Θ = 60°
Θ = 30°
∆Zth Θ rec
[°C/W]
0,00706
0,01217
0,01612
0,02182
0,03109
beidseitig
two-sided
∆Zth Θ sin
[°C/W]
0,00450
0,00687
0,01012
0,01538
0,02489
∆Zth Θ rec
[°C/W]
0,00448
0,00759
0,00985
0,01292
0,01725
anodenseitig
anode-sided
∆Zth Θ sin
[°C/W]
0,00334
0,00489
0,00693
0,01005
0,01518
∆Zth Θ rec
[°C/W]
0,00448
0,00759
0,00985
0,01292
0,01725
kathodenseitig
cathode-sided
∆Zth Θ sin
[°C/W]
0,00334
0,00489
0,00693
0,01005
0,01518
Zth Θ rec = Zth DC +
∆Zth Θ rec
Zth Θ sin = Zth DC +
∆Zth Θ sin
0
500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
0,81,3
1,82,3
2,83,3
VF [V]
Tvj= Tvj max
Grenzdurchlasskennlinie / Limiting on-state characteristic iF = f(vF)
Tvj = Tvj max


Similar Part No. - D820N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D82025U2JH6 VISHAY-D82025U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D82025U2JH6 VISHAY-D82025U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D820J20SL0F6.J5R VISHAY-D820J20SL0F6.J5R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D820J20SL0F6.L2R VISHAY-D820J20SL0F6.L2R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D820J20SL0H6.J5R VISHAY-D820J20SL0H6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
More results

Similar Description - D820N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D850N INFINEON-D850N Datasheet
236Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
46DN06 INFINEON-46DN06 Datasheet
183Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2011-02-17 revision:3.0
D650N INFINEON-D650N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-19 revision:3.1
65DN06B02 INFINEON-65DN06B02 Datasheet
447Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-08-26 Revision: 3.1
38DN06B02 INFINEON-38DN06B02 Datasheet
415Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-12-01 Revision: 3.1
D770N INFINEON-D770N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D950N INFINEON-D950N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D1050N INFINEON-D1050N Datasheet
235Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2009-06-16 revision:2
D8407N INFINEON-D8407N Datasheet
186Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:2
logo
eupec GmbH
D3041N EUPEC-D3041N Datasheet
288Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
46DN02 EUPEC-46DN02 Datasheet
116Kb / 12P
   Netz-Gleichrichterdiode Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com