Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX803ME Datasheet(PDF) 2 Page - Littelfuse

Part # LX803ME
Description  New 0.8 Amp bi-directional solid state switch series offering direct
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LX803ME Datasheet(HTML) 2 Page - Littelfuse

  LX803ME Datasheet HTML 1Page - Littelfuse LX803ME Datasheet HTML 2Page - Littelfuse LX803ME Datasheet HTML 3Page - Littelfuse LX803ME Datasheet HTML 4Page - Littelfuse LX803ME Datasheet HTML 5Page - Littelfuse LX803ME Datasheet HTML 6Page - Littelfuse LX803ME Datasheet HTML 7Page - Littelfuse LX803ME Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
26
Revised: July 9, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sensitive Triacs
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 0.8 Amp Sensitive Triacs
LX8 Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Static Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Description
Test
Conditions
Quadrant
Limit
Value
Unit
LX803xy
LX807xy
I
GT
DC Gate Trigger Current
V
D = 12V
R
L = 60 Ω
I – II – III
IV
MAX.
3
5
5
7
mA
V
GT
DC Gate Trigger Voltage
ALL
MAX.
1.3
1.3
V
I
H
Holding Current
Gate Open
MAX.
5
5
mA
dv/dt
Critical Rate-of-Rise of
Off-State Voltage
T
J = 110°C
V
D = VDRM
Exponential Waveform
Gate Open
MIN.
10
10
V/μs
(dv/dt)c
Critical
Rate-of-Rise of
Commutating Voltage
(di/dt)c = 0.43A/ms
T
J = 110°C
MIN.
1.5
1.5
V/μs
t
gt
Turn-On Time
I
G = 25mA
PW = 15μs
I
T = 1.2A (pk)
MAX.
2.0
2.0
μs
Symbol
Description
Test Conditions
Limit
Value
Unit
V
TM
Peak On-State Voltage
I
TM = 1.13A (pk)
MAX
1.60
V
I
DRM
Off-State Current, Peak Repetitive
V
D= VDRM TJ = 25°C
MAX
5μA
V
D= VDRM TJ = 110°C
100
μA
Thermal Resistances
Symbol
Description
Test Conditions
Value
Unit
R
th(j-c)
Junction to case (AC)
I
T = 0.8A (RMS)
1
TO-92
60
°C/W
SOT-223
25
R
th(j-a)
Junction to ambient
I
T = 0.8A (RMS)
1
TO-92
150
°C/W
SOT-223
60
1
60Hz AC resistive load condition, 100% conduction.
NOTE: x = voltage, y = package


Similar Part No. - LX803ME

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX803 POLYFET-LX803 Datasheet
53Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX803 POLYFET-LX803_14 Datasheet
59Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Similar Description - LX803ME

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0103DE LITTELFUSE-L0103DE Datasheet
271Kb / 8P
   New 1 Amp bi-directional solid state switch series offering direct interface
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com