Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 18 Page - Fairchild Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930C Datasheet(HTML) 18 Page - Fairchild Semiconductor

Back Button FAN7930C Datasheet HTML 14Page - Fairchild Semiconductor FAN7930C Datasheet HTML 15Page - Fairchild Semiconductor FAN7930C Datasheet HTML 16Page - Fairchild Semiconductor FAN7930C Datasheet HTML 17Page - Fairchild Semiconductor FAN7930C Datasheet HTML 18Page - Fairchild Semiconductor FAN7930C Datasheet HTML 19Page - Fairchild Semiconductor FAN7930C Datasheet HTML 20Page - Fairchild Semiconductor FAN7930C Datasheet HTML 21Page - Fairchild Semiconductor FAN7930C Datasheet HTML 22Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930C • Rev. 1.0.0
18
Typical Application Circuit
Application
Device
Input Voltage
Range
Rated Output
Power
Output Voltage
(Maximum
Current)
LCD TV Power Supply
FAN7930C
90-265VAC
195W
390V (0.5A)
Features
Average efficiency of 25%, 50%, 75%, and 100% load conditions is higher than 95% at universal input.
Power factor at rated load is higher than 0.98 at universal input.
Total Harmonic Distortion (THD) at rated load is lower than 15% at universal input.
Key Design Notes
When auxiliary VCC supply is not available, VCC power can be supplied through Zero Current Detect (ZCD)
winding. The power consumption of R103 is quite high, so its power rating needs checking.
Because the input bias current of INV pin is almost zero, output voltage sensing resistors (R112~R115) should
be as high as possible. However, too-high resistance makes the node susceptible to noise. Resistor values need
to strike a balance between power consumption and noise immunity.
Quick-charge diode D106 can be eliminated. Without D106, system operation is normal due to the controller’s
highly reliable protection features.
1. Schematic
ZNR101
,10D471
230mH,
49:6
D105
600V 8A
VAUX
DC OUTPUT
Q101
FCPF
20N60
D106
600V 3A
R101,1M-
J
C101,
220nF
C114
,2.2n
F
C102,
680nF
BD101,
600V,15A
R109
47
R108
4.7
D103,1N414
8
LP101,EER3124N
1
7
6
8
5
2
FAN7930C
Com
p
INV
VCC
Out
GND
ZC
D
CS
RD
Y
4
3
C115
,2.2n
F
R103,
10k,1W
D102,
UF4004
C104,
12nF
Circuit for VCC. If external VCC is used, this circuit is not needed.
VCC for another power stage
Circuit for VCC for another power stage thus components structure and values may vary.
Optional
Figure 45.
Demonstration Circuit


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
FAN7930CMX-G ONSEMI-FAN7930CMX-G Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com