Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 16 Page - Fairchild Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930C Datasheet(HTML) 16 Page - Fairchild Semiconductor

Back Button FAN7930C Datasheet HTML 12Page - Fairchild Semiconductor FAN7930C Datasheet HTML 13Page - Fairchild Semiconductor FAN7930C Datasheet HTML 14Page - Fairchild Semiconductor FAN7930C Datasheet HTML 15Page - Fairchild Semiconductor FAN7930C Datasheet HTML 16Page - Fairchild Semiconductor FAN7930C Datasheet HTML 17Page - Fairchild Semiconductor FAN7930C Datasheet HTML 18Page - Fairchild Semiconductor FAN7930C Datasheet HTML 19Page - Fairchild Semiconductor FAN7930C Datasheet HTML 20Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930C • Rev. 1.0.0
16
Figure 41.
Effect of THD Optimizer
By THD optimizer, turn-on time over one AC line period
is proportionally changed, depending on input voltage.
Near zero cross, lengthened turn-on time improves THD
performance.
9. VIN Absent Detection: To save power loss caused by
input voltage sensing resistors and to optimize THD, the
FAN7930C omits AC input voltage detection. Therefore,
no information about AC input is available from the
internal controller. In many cases, the VCC of PFC
controller is supplied by a independent power source,
like standby power. In this scheme, some mismatch
may exist. For example, when the electric power is
suddenly interrupted during two or three AC line
periods; VCC is still live during that time, but output
voltage drops because there is no input power source.
Consequently, the control loop tries to compensate for
the output voltage drop and VCOMP reaches its
maximum. This lasts until AC input voltage is live again.
When AC input voltage is live again, high VCOMP allows
high switching current and more stress is put on the
MOSFET and diode. To protect against this, FAN7930C
checks if the input AC voltage exists. If input does not
exist, soft-start is reset and waits until AC input is live
again. Soft-start manages the turn-on time for smooth
operation when it detects AC input is applied again and
applies less voltage and current stress on startup.
10. Current Sense: The MOSFET current is sensed
using an external sensing resistor for over-current
protection. If the CS pin voltage is higher than 0.8V, the
over-current
protection
comparator
generates
a
protection signal. An internal RC filter of 40kΩ and 8pF
is included to filter switching noise.
11. Gate Driver Output: FAN7930C contains a single
totem-pole output stage designed for a direct drive of
the power MOSFET. The drive output is capable of up
to +500/-800mA peak current with a typical rise and fall
time of 50ns with 1nF load. The output voltage is
clamped to 13V to protect the MOSFET gate even if the
VCC voltage is higher than 13V.
VIN
t
VOUT
VAUX
MOSFET gate
IDS
fMIN
DMAX
VIN Absence Detected
NewVCOMP
Though VIN is
eliminated, operation of
controller is normal due
to the large bypass
capacitor.
FAN7930 Rev.00
fMIN
DMIN
Smooth
Soft-Start
Figure 42.
Operation without VIN Absent Circuit
Figure 43.
Operation with VIN Absent Circuit


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
FAN7930CMX-G ONSEMI-FAN7930CMX-G Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com