Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930C Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FAN7930C Datasheet HTML 8Page - Fairchild Semiconductor FAN7930C Datasheet HTML 9Page - Fairchild Semiconductor FAN7930C Datasheet HTML 10Page - Fairchild Semiconductor FAN7930C Datasheet HTML 11Page - Fairchild Semiconductor FAN7930C Datasheet HTML 12Page - Fairchild Semiconductor FAN7930C Datasheet HTML 13Page - Fairchild Semiconductor FAN7930C Datasheet HTML 14Page - Fairchild Semiconductor FAN7930C Datasheet HTML 15Page - Fairchild Semiconductor FAN7930C Datasheet HTML 16Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930C • Rev. 1.0.0
12
Figure 25.
Two Cases of RDY Triggered HIGH
Figure 26.
Two Cases of RDY Triggered LOW
4. Zero-Current Detection: Zero-current detection
(ZCD) generates the turn-on signal of the MOSFET
when the boost inductor current reaches zero using an
auxiliary winding coupled with the inductor. When the
power switch turns on, negative voltage is induced at the
auxiliary winding due to the opposite winding direction
(see Equation 1)
. Positive voltage is induced (see
Equation 2)
when the power switch turns off.
AC
IND
AUX
AUX
V
T
T
V
=
(1)
()
AC
PFCOUT
IND
AUX
AUX
V
V
T
T
V
=
(2)
where:
VAUX is the auxiliary winding voltage;
TIND is boost inductor turns;
TIND auxiliary winding turns;
VAC is input voltage for PFC converter; and
VOUT_PFC is output voltage from the PFC converter.
Figure 27.
Circuit Near ZCD
Because auxiliary winding voltage can swing from
negative to positive voltage, the internal block in ZCD
pin has both positive and negative voltage clamping
circuits. When the auxiliary voltage is negative, internal
circuit clamps the negative voltage at the ZCD pin
around 0.65V by sourcing current to the serial resistor
between the ZCD pin and the auxiliary winding. When
the auxiliary voltage is higher than 6.5V, current is
sinked through a resistor from the auxiliary winding to
the ZCD pin.
Figure 28.
Auxiliary Voltage Depends on
MOSFET Switching
The auxiliary winding voltage is used to check the boost
inductor current zero instance. When boost inductor
current becomes zero, there is a resonance between
boost inductor and all capacitors at the MOSFET drain
pin: including COSS of the MOSFET; an external
capacitor at the D-S pin to reduce the voltage rising and
falling slope of the MOSFET; a parasitic capacitor at
inductor; and so on to improve performance. Resonated
voltage is reflected to the auxiliary winding and can be
used for detecting zero current of boost inductor and


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
FAN7930CMX-G ONSEMI-FAN7930CMX-G Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com