Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7930C Datasheet HTML 1Page - Fairchild Semiconductor FAN7930C Datasheet HTML 2Page - Fairchild Semiconductor FAN7930C Datasheet HTML 3Page - Fairchild Semiconductor FAN7930C Datasheet HTML 4Page - Fairchild Semiconductor FAN7930C Datasheet HTML 5Page - Fairchild Semiconductor FAN7930C Datasheet HTML 6Page - Fairchild Semiconductor FAN7930C Datasheet HTML 7Page - Fairchild Semiconductor FAN7930C Datasheet HTML 8Page - Fairchild Semiconductor FAN7930C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
October 2010
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930C • Rev. 1.0.0
FAN7930C
Critical Conduction Mode PFC Controller
Features
PFC-Ready Signal
Input Voltage Absent Detection
Maximum Switching Frequency Limitation
Internal Soft-Start and Startup without Overshoot
Internal Total Harmonic Distortion (THD) Optimizer
Precise Adjustable Output Over-Voltage Protection
Open-Feedback Protection and Disable Function
Zero-Current Detector (ZCD)
150μs Internal Startup Timer
MOSFET Over-Current Protection (OCP)
Under-Voltage Lockout with 3.5V Hysteresis
Low Startup and Operating Current
Totem-Pole Output with High State Clamp
+500/-800mA Peak Gate Drive Current
8-Pin SOP
Applications
Adapter
Ballast
LCD TV, CRT TV
SMPS
Description
The FAN7930C is an active power factor correction
(PFC) controller for boost PFC applications that operate
in critical conduction mode (CRM). It uses a voltage-
mode PWM that compares an internal ramp signal with
the error amplifier output to generate a MOSFET turn-off
signal. Because the voltage-mode CRM PFC controller
does not need rectified AC line voltage information, it
saves the power loss of an input voltage sensing network
necessary for a current-mode CRM PFC controller.
FAN7930C provides over-voltage protection (OVP),
open-feedback
protection,
over-current
protection
(OCP), input-voltage-absent detection, and under-
voltage lockout protection (UVLO). The PFC-ready pin
can be used to trigger other power stages when PFC
output voltage reaches the proper level with hysteresis.
The FAN7930C can be disabled if the INV pin voltage is
lower than 0.45V and the operating current decreases to
a very low level. Using a new variable on-time control
method, THD is lower than the conventional CRM boost
PFC ICs.
Related Resources
AN-8035 — Design Consideration for Boundary
Conduction Mode PFC Using FAN7930
Ordering Information
Part Number
Operating
Temperature Range
Top Mark
Package
Packing
Method
FAN7930CM
-40 to +125°C
FAN7930C 8-Lead Small Outline Package (SOP)
Rail
FAN7930CMX
Tape & Reel


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
FAN7930CMX-G ONSEMI-FAN7930CMX-G Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com