Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930C Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7930C
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7930C Datasheet HTML 1Page - Fairchild Semiconductor FAN7930C Datasheet HTML 2Page - Fairchild Semiconductor FAN7930C Datasheet HTML 3Page - Fairchild Semiconductor FAN7930C Datasheet HTML 4Page - Fairchild Semiconductor FAN7930C Datasheet HTML 5Page - Fairchild Semiconductor FAN7930C Datasheet HTML 6Page - Fairchild Semiconductor FAN7930C Datasheet HTML 7Page - Fairchild Semiconductor FAN7930C Datasheet HTML 8Page - Fairchild Semiconductor FAN7930C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930C • Rev. 1.0.0
5
Electrical Characteristics
VCC = 14V, TA = -40°C~+125°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCC Section
VSTART
Start Threshold Voltage
VCC Increasing
11
12
13
V
VSTOP
Stop Threshold Voltage
VCC Decreasing
7.5
8.5
9.5
V
HYUVLO
UVLO Hysteresis
3.0
3.5
4.0
V
VZ
Zener Voltage
ICC=20mA
20
22
24
V
VOP
Recommended Operating Range
13
20
V
Supply Current Section
ISTART
Startup Supply Current
VCC=VSTART-0.2V
120
190
µA
IOP
Operating Supply Current
Output Not Switching
1.5
3.0
mA
IDOP
Dynamic Operating Supply Current 50kHZ, CI=1nF
2.5
4.0
mA
IOPDIS
Operating Current at Disable
VINV=0V
90
160
230
µA
Error Amplifier Section
VREF1
Voltage Feedback Input Threshold1 TA=25°C
2.465
2.500
2.535
V
ΔVREF1
Line Regulation
VCC=14V~20V
0.1
10.0
mV
ΔVREF2
Temperature Stability of VREF1
(4)
20
mV
IEA,BS
Input Bias Current
VINV=1V~4V
-0.5
0.5
µA
IEAS,SR
Output Source Current
VINV=VREF -0.1V
-12
µA
IEAS,SK
Output Sink Current
VINV=VREF +0.1V
12
µA
VEAH
Output Upper Clamp Voltage
VINV=1V, VCS=0V
6.0
6.5
7.0
V
VEAZ
Zero-Duty Cycle Output Voltage
0.9
1.0
1.1
V
gm
Transconductance
(4)
90
115
140
µmho
Maximum On-Time Section
tON,MAX1
Maximum On-Time Programming 1 TA=25°C, VZCD=1V
35.5
41.5
47.5
µs
tON,MAX2
Maximum On-Time Programming 2
TA=25°C,
IZCD=0.469mA
11.2
13.0
14.8
µs
Current-Sense Section
VCS
Current-Sense Input Threshold
Voltage Limit
0.7
0.8
0.9
V
ICS,BS
Input Bias Current
VCS=0V~1V
-1.0
-0.1
1.0
µA
tCS,D
Current-Sense Delay to Output
(4)
dV/dt=1V/100ns,
from 0V to 5V
350
500
ns
Continued on the following page…


Similar Part No. - FAN7930C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
FAN7930CMX-G ONSEMI-FAN7930CMX-G Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results

Similar Description - FAN7930C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com