Electronic Components Datasheet Search |
|
FAN7930B Datasheet(PDF) 18 Page - Fairchild Semiconductor |
|
|
FAN7930B Datasheet(HTML) 18 Page - Fairchild Semiconductor |
18 / 22 page © 2010 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN7930B • Rev. 1.0.2 18 Typical Application Circuit Application Device Input Voltage Range Rated Output Power Output Voltage (Maximum Current) LCD TV Power Supply FAN7930B 90-265VAC 195W 390V (0.5A) Features Average efficiency of 25%, 50%, 75%, and 100% load conditions is higher than 95% at universal input. Power factor at rated load is higher than 0.98 at universal input. Total Harmonic Distortion (THD) at rated load is lower than 15% at universal input. Key Design Notes When auxiliary VCC supply is not available, VCC power can be supplied through Zero Current Detect (ZCD) winding. The power consumption of R103 is quite high, so its power rating needs checking. Because the input bias current of INV pin is almost zero, output voltage sensing resistors (R112~R115) as high as possible. However, too-high resistance makes the node easily affected by noise. Thus values need to strike a balance between power consumption and noise immunity. Quick charge diode (D106) can be eliminated if output diode inrush current capability is enough. Thought D106, system operation is normal due to the controller’s highly reliable protection features. 1. Schematic Figure 44. Demonstration Circuit |
Similar Part No. - FAN7930B |
|
Similar Description - FAN7930B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |