Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930B Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button FAN7930B Datasheet HTML 10Page - Fairchild Semiconductor FAN7930B Datasheet HTML 11Page - Fairchild Semiconductor FAN7930B Datasheet HTML 12Page - Fairchild Semiconductor FAN7930B Datasheet HTML 13Page - Fairchild Semiconductor FAN7930B Datasheet HTML 14Page - Fairchild Semiconductor FAN7930B Datasheet HTML 15Page - Fairchild Semiconductor FAN7930B Datasheet HTML 16Page - Fairchild Semiconductor FAN7930B Datasheet HTML 17Page - Fairchild Semiconductor FAN7930B Datasheet HTML 18Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930B • Rev. 1.0.2
14
The roles of PFC controller are regulating output voltage
and input current shaping to increase power factor. Duty
control based on the output voltage should be fast
enough to compensate output voltage dip or overshoot.
For the power factor, however, the control loop must not
react to the fluctuating AC input voltage. These two
requirements conflict; therefore, when designing a
feedback loop, the feedback loop should be least 10
times slower than AC line frequency. That slow
response is made by C1 at compensator. R1 makes
gain boost around operation region and C2 attenuates
gain at higher frequency. Boost gain by R1 helps raise
the response time and improves phase margin.
Figure 33.
Compensators Gain Curve
For the transconductance error amplifier side, gain
changes based on differential input. When the error is
large, gain is large to make the output dip or peak to
suppress quickly. When the error is small, low gain is
used to improve power factor performance.
mho
250
μ
mho
115
μ
Figure 34.
Gain Characteristic
7. Soft-Start: When VCC touches VSTART, internal
reference voltage is increased like a stair step for 5ms.
As a result, VCOMP is also raised gradually and MOSFET
turn-on time increases smoothly. This reduces voltage
and current stress on the power switch during startup.
VREF
SS
gM
VINV=0.4V
ISOURCE
COMP
VCOMP
ISOURCE
COMP
RCOMP=VCOMP
t
(VREF
SS-VINV)gM=ISOURCECOMP
VREF
END=2.5V
FAN7930 Rev.00
5ms
VCC
VSTART=12V
Figure 35.
Soft-Start Sequence
8. Startup without Overshoot: Feedback control speed
of PFC is quite slow. Due to the slow response, there is
a gap between output voltage and feedback control.
That is why over-voltage protection (OVP) is critical at
the PFC controller and voltage dip caused by fast load
changes from light to heavy is diminished by a bulk
capacitor. OVP is easily triggered at startup phase.
Operation on and off by OVP at startup may cause
audible noise and can increase voltage stress at startup,
which is normally higher than in normal operation. This
operation is better when soft-start time is very long.
However, too long startup time enlarges the output
voltage building time at light load. FAN7930B has
“overshoot-less” control at startup. During startup, the
feedback loop is controlled by an internal proportional
gain controller and when the output voltage reaches the
rated value, it switches to an external compensator after
a transition time of 30ms. In short, an internal
proportional gain controller eliminates overshoot at
startup and an external conventional compensator takes
over successfully afterward.
Figure 36.
Overshoot-less Startup Control


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930BMX-G ONSEMI-FAN7930BMX-G Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com