Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930B Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN7930B Datasheet HTML 7Page - Fairchild Semiconductor FAN7930B Datasheet HTML 8Page - Fairchild Semiconductor FAN7930B Datasheet HTML 9Page - Fairchild Semiconductor FAN7930B Datasheet HTML 10Page - Fairchild Semiconductor FAN7930B Datasheet HTML 11Page - Fairchild Semiconductor FAN7930B Datasheet HTML 12Page - Fairchild Semiconductor FAN7930B Datasheet HTML 13Page - Fairchild Semiconductor FAN7930B Datasheet HTML 14Page - Fairchild Semiconductor FAN7930B Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930B • Rev. 1.0.2
11
Applications Information
1. Startup: Normally, supply voltage (VCC) of a PFC
block is fed from the additional power supply, which can
be called standby power. Without this standby power,
auxiliary winding to detect zero current detection can be
used as a supply source. Once the supply voltage of the
PFC block exceeds 12V, internal operation is enabled
until the voltage drops to 8.5V. If VCC exceeds VZ, 20mA
current is sinking from VCC.
Figure 22.
Startup Circuit
2. INV Block: Scaled-down voltage from the output is
the input for the INV pin. Many functions are embedded
based on the INV pin: transconductance amplifier,
output OVP comparator and disable comparator.
For the output voltage control, a transconductance
amplifier is used instead of the conventional voltage
amplifier. The transconductance amplifier (voltage-
controlled current source) aids the implementation of
OVP and disables function. The output current of the
amplifier changes according to the voltage difference of
the inverting and non-inverting input of the amplifier. To
cancel down the line input voltage effect on power factor
correction, effective control response of PFC block
should be slower than the line frequency and these
conflicts with the transient response of controller. Two-
pole one-zero type compensation may be used to meet
both requirements.
The OVP comparator shuts down the output drive block
when the voltage of the INV pin is higher than 2.675V
and there is 0.175V hysteresis. The disable comparator
disables the operation when the voltage of the inverting
input is lower than 0.35V and there is 100mV hysteresis.
An external small-signal MOSFET can be used to
disable the IC. The IC operating current decreases to
reduce power consumption if the IC is disabled. 0 is the
timing chart of the internal circuit near the INV pin when
rated PFC output voltage is assumed at 390VDC and VCC
supply voltage is 15V.
Figure 23.
Circuit Around INV Pin
Figure 24.
Timing Chart for INV Block
3. OVP Pin: Over-Voltage Protection (OVP) is
embedded by the information at the INV pin. That
information comes from the output through the voltage
dividing resistors. To scale down from high voltage to
low one, high resistance normally used with low
resistance. In cases the resistor of high resistance get a
damage and resistance is changed to high, though INV
pin information is normal output voltage exceeds its
rated output. Once this happen, output electrolytic
capacitor may be exploded. To prevent such a
catastrophe additional OVP pin is assigned to double
check output voltage. Thus additional OVP may be
called 2
nd OVP while INV pin OVP can be called 1st
OVP.


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930BMX-G ONSEMI-FAN7930BMX-G Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com