Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7930B Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7930B
Description  Critical Conduction Mode PFC Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7930B Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7930B Datasheet HTML 1Page - Fairchild Semiconductor FAN7930B Datasheet HTML 2Page - Fairchild Semiconductor FAN7930B Datasheet HTML 3Page - Fairchild Semiconductor FAN7930B Datasheet HTML 4Page - Fairchild Semiconductor FAN7930B Datasheet HTML 5Page - Fairchild Semiconductor FAN7930B Datasheet HTML 6Page - Fairchild Semiconductor FAN7930B Datasheet HTML 7Page - Fairchild Semiconductor FAN7930B Datasheet HTML 8Page - Fairchild Semiconductor FAN7930B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7930B • Rev. 1.0.2
3
Pin Configuration
INV
OVP
CS
ZCD
FAN7930B
8-SOP
COMP
VCC
OUT
GND
Figure 3.
Pin Configuration (Top View)
Pin Definitions
Pin #
Name Description
1
INV
This pin is the inverting input of the error amplifier. The output voltage of the boost PFC converter
should be resistively divided to 2.5V.
2
OVP
This pin is used to detect PFC output over voltage when INV pin information is not correct.
3
COMP
This pin is the output of the transconductance error amplifier. Components for the output voltage
compensation should be connected between this pin and GND.
4
CS
This pin is the input of the over-current protection comparator. The MOSFET current is sensed
using a sensing resistor and the resulting voltage is applied to this pin. An internal RC filter is
included to filter switching noise.
5
ZCD
This pin is the input of the zero-current detection block. If the voltage of this pin goes higher than
1.5V, then goes lower than 1.4V, the MOSFET is turned on.
6
GND
This pin is used for the ground potential of all the pins. For proper operation, the signal ground
and the power ground should be separated.
7
OUT
This pin is the gate drive output. The peak sourcing and sinking current levels are +500mA and -
800mA, respectively. For proper operation, the stray inductance in the gate driving path must be
minimized.
8
VCC
This is the IC supply pin. IC current and MOSFET drive current are supplied using this pin.


Similar Part No. - FAN7930B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930BMX-G ONSEMI-FAN7930BMX-G Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results

Similar Description - FAN7930B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com