Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXER35N120D1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXER35N120D1
Description  NPT3 IGBT with Diode in ISOPLUS247
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXER35N120D1 Datasheet(HTML) 3 Page - IXYS Corporation

  IXER35N120D1_06 Datasheet HTML 1Page - IXYS Corporation IXER35N120D1_06 Datasheet HTML 2Page - IXYS Corporation IXER35N120D1_06 Datasheet HTML 3Page - IXYS Corporation IXER35N120D1_06 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2006 IXYS All rights reserved
IXER 35N120D1
0123456
7
0
20
40
60
80
100
120
0
40
80
120
160
200
0
5
10
15
20
0123456
7
0
20
40
60
80
100
120
V
CE
V
I
C
V
CE
A
I
C
V
nC
Q
G
V
V
GE
9 V
11 V
9 V
11 V
A
4
6
8
1012
1416
0
20
40
60
80
100
120
V
V
GE
A
I
C
0
1234
0
15
30
45
60
75
90
V
V
F
I
F
A
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
single pulse
t
s
K/W
Z
thJC
IGBT
MUBW3512E7
13 V
15 V
T
VJ = 25°C
V
GE = 17 V
15 V
13 V
T
VJ = 125°C
V
GE = 17 V
T
VJ = 25°C
T
VJ = 125°C
V
CE = 20 V
T
VJ = 125°C
T
VJ = 25°C
V
CE = 600 V
I
C
= 35 A
diode
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
Fig. 3 Typ. transfer characteristics
Fig. 4
Typ. forward characteristics of
free wheeling diode
Fig. 5
Typ. turn on gate charge
Fig. 6
Typ. transient thermal impedance


Similar Part No. - IXER35N120D1_06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXER35N120D1 IXYS-IXER35N120D1 Datasheet
52Kb / 2P
NPT3 IGBT with Diode
More results

Similar Description - IXER35N120D1_06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXER60N120 IXYS-IXER60N120 Datasheet
54Kb / 2P
NPT3 IGBT
IXER35N120D1 IXYS-IXER35N120D1 Datasheet
52Kb / 2P
NPT3 IGBT with Diode
IXGR32N60CD1 IXYS-IXGR32N60CD1 Datasheet
572Kb / 5P
HiPerFAST IGBT with Diode ISOPLUS247
FII30-12E IXYS-FII30-12E Datasheet
72Kb / 4P
NPT3 IGBT
IXSR40N60CD1 IXYS-IXSR40N60CD1 Datasheet
39Kb / 2P
IGBT with Diode ISOPLUS247
IXEH40N120 IXYS-IXEH40N120 Datasheet
81Kb / 4P
NPT3 IGBT
IXEN60N120 IXYS-IXEN60N120_07 Datasheet
97Kb / 4P
NPT3 IGBT in miniBLOC package
IXEH25N120 IXYS-IXEH25N120 Datasheet
182Kb / 4P
NPT3 IGBT
IXER20N120 IXYS-IXER20N120 Datasheet
364Kb / 4P
NPT3 IGBT in ISOPLUS247
IXER60N120 IXYS-IXER60N120_06 Datasheet
268Kb / 4P
NPT3 IGBT in ISOPLUS 247
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com