Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6961 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-6961
Description  Critical Conduction Mode PFC Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6961 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-6961 Datasheet HTML 1Page - Fairchild Semiconductor AN-6961 Datasheet HTML 2Page - Fairchild Semiconductor AN-6961 Datasheet HTML 3Page - Fairchild Semiconductor AN-6961 Datasheet HTML 4Page - Fairchild Semiconductor AN-6961 Datasheet HTML 5Page - Fairchild Semiconductor AN-6961 Datasheet HTML 6Page - Fairchild Semiconductor AN-6961 Datasheet HTML 7Page - Fairchild Semiconductor AN-6961 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN-6961
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 4/8/09
2
Basic Operation of the Boost Converter
The typical boost converter and its operational waveforms
are shown in Figure 2, 3, and 4, respectively.
()
g
vt
+
()
L
vt
+−
D
Co
Ro
o
V
+
()
L
it
Q
b
L
Figure 2. Boost Converter
()
g
vt
+
()
L
vt
+−
()
L
it
Q
b
L
()
g
vt
+
()
L
vt
+−
Co
Ro
o
v
+
()
L
it
b
L
(a) Switch Q is ON
(b) Switch Q is OFF
Figure 3. Switching Sequences of the Boost Converter
()
og
b
vv t
L
()
L
vt
on
t
off
t
Q
()
L
it
()
g
b
vt
L
()
g
vt
g ()
o
vv t
T
,
(t)
Lavg
i
Figure 4. One-cycle Waveform of the Boost Converter
Operation Principle
Switch Q is ON:
When Q turns on, the rectifier diode D is
reverse-biased and output capacitor CO supplies load
current. The rectified AC line input voltage Vg(t) is applied to
the inductor Lb so that inductor current IL ramps up linearly
and can be expressed as:
b
g
on
L
L
(t)
V
t
I
=
)
(
(1)
Switch Q is OFF:
When Q turns off, the voltage VO-Vg(t) is
applied to inductor Lb and the polarity on the inductor Lb is
reversed. The diode D is forward-biased in this stage. The
energy stored in the inductor Lb is delivered to supply load
current and output capacitor CO. The inductor current iL can
be expressed as:
b
g
o
off
L
L
(t)
V
-
V
t
I
=
)
(
(2)
Controlled On-Time:
The on-time of the power MOSFET Q
is determined by the output of the error amplifier that
monitors the preregulator output voltage. With a low-
bandwidth error amplifier, the feedback signal is almost
constant during a half AC cycle, resulting a fixed on-time of
the power MOSFET at a specific AC voltage and some
certain output power level. Therefore, the peak inductor
current ILpk automatically follows the input voltage Vg(t),
achieving a natural power factor correction mechanism.
Figure 5 shows the typical inductor current waveform during
a half AC cycle.
on
Off
,
()
Lavg
it
()
g
vt
max
T
Gate
,
Lpk
i
min
T
-
fixed On Time
Figure 5. Controlled On-Time Inductor Current Waveform
Referring to Figure 4, considering one switching period the
average inductor current IL,ave(t) can be calculated by the
average area of triangle waveform of inductor current:
s
2
b
s
on
g
T
L
2
T
t
)
t
(
V
)
(
+
=
(t)
V
-
V
(t)
V
t
I
g
o
2
g
avg
L,
(3)


Similar Part No. - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
Control a CCM PFC and Flyback/PWM Power Supply
logo
Analog Devices
AN-692 AD-AN-692 Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
More results

Similar Description - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com