Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6961 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # AN-6961
Description  Critical Conduction Mode PFC Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6961 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  AN-6961 Datasheet HTML 1Page - Fairchild Semiconductor AN-6961 Datasheet HTML 2Page - Fairchild Semiconductor AN-6961 Datasheet HTML 3Page - Fairchild Semiconductor AN-6961 Datasheet HTML 4Page - Fairchild Semiconductor AN-6961 Datasheet HTML 5Page - Fairchild Semiconductor AN-6961 Datasheet HTML 6Page - Fairchild Semiconductor AN-6961 Datasheet HTML 7Page - Fairchild Semiconductor AN-6961 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.fairchildsemi.com
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 4/8/09
AN-6961
Critical Conduction Mode PFC Controller
Description
This application note describes a power factor correction
(PFC) circuit using the FAN6961. Both the features of this
controller, as well as the operation of the power factor
correction circuit, are presented in detail. Based on the
proposed design guideline, a design example with detailed
parameters demonstrates the performance of the controller.
Introduction
The FAN6961 PFC controller is an 8-pin Boundary Current
Mode (BCM) IC intended for controlling PFC pre-regulators.
The FAN6961 provides a controlled on-time to regulate the
output DC voltage and achieve natural power factor
correction. The maximum on-time of the switch is
programmable to ensure safe operation during AC
brownouts. An innovative multi-vector error amplifier is built
in to provide rapid transient response and precise output
voltage clamping. Once the output feedback loop is opened,
the output driver (GD) is disabled to provide protection of
the system. The start-up current is lower than 20µA and the
operating current has been reduced to 5mA. The supply
voltage can be operated up to 25V, maximizing application
flexibility. The FAN6961 also enables cycle-by-cycle current
limiting protection for the external power MOSFET.
Figure 1. Power Factor Correction Circuit


Similar Part No. - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
Control a CCM PFC and Flyback/PWM Power Supply
logo
Analog Devices
AN-692 AD-AN-692 Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
More results

Similar Description - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com