Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6961 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # AN-6961
Description  Critical Conduction Mode PFC Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6961 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  AN-6961 Datasheet HTML 1Page - Fairchild Semiconductor AN-6961 Datasheet HTML 2Page - Fairchild Semiconductor AN-6961 Datasheet HTML 3Page - Fairchild Semiconductor AN-6961 Datasheet HTML 4Page - Fairchild Semiconductor AN-6961 Datasheet HTML 5Page - Fairchild Semiconductor AN-6961 Datasheet HTML 6Page - Fairchild Semiconductor AN-6961 Datasheet HTML 7Page - Fairchild Semiconductor AN-6961 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AN-6961
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 4/8/09
6
Determine Current-Sense Resistor
The MOSFET on-time and the input current increase with
the decreasing AC input voltage or increasing load. The
FAN6961 can establish the maximum on-time limit (25µs is
recommended) of power MOSFET. Once the voltage on
current-sense pin reaches the internal limit VCS, 0.82V
typically, the FAN6961 stops the PWM output immediately.
Thus, the maximum output power can be designed by the
current-sense resistor and maximum on-time limit. In
general operation, the maximum on-time occurs at minimum
AC input voltage and maximum loading conditions.
When the output power increases from full load to
maximum load, the on-time is restricted to the maximum on-
time limit first, then the current limit. In the design example,
the voltage on the current-sense pin is set to 0.57V at full
load and minimum input voltage conditions. At this condition,
the maximum power is about 156% of full load at minimum
input voltage condition. The current-sense resistor can be
calculated from Equation 7. The calculated curve of the
MOSFET turn-on time at different loading conditions are
shown in Figure 16. The calculated waveforms of the PFC
inductor current at two kinds of current limit are shown in
Figure 17.
1.00E-05
1.20E-05
1.40E-05
1.60E-05
1.80E-05
2.00E-05
2.20E-05
2.40E-05
2.60E-05
0
35
70
105
140
175
210
245
280
315
Time(S/20000)
Full load Pin=105.9W
110% Full load Pin=116.46W
120% Full load Pin=127W
150% Full load Pin=158.8W
Max. Pin=164.7W
(0.82 /4.55A)
Current Sense Limit
V
.
-
(25
)
Max On Time Limit
uS
Figure 16.
Calculated Curve of the MOSFET
Turn-on Time at Different Loading Conditions
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0
35
70
105
140
175
210
245
280
315
Time(S/20000)
Max. Pin=164.7W,Current Limit=4.55A
Max. Pin=140.4W,Current Limit=3.727A
150% Full load Pin=158.8W, Current Limit=4.55A
(3.727 )
0.7
.
133%
Current Limit
A
Full load
Vcs
V
Max Load
Full Load
→=
(4.55 )
0.57
.
156%
Current Limit
A
Full load
Vcs
V
Max Load
Full load
→=
Figure 17.
Calculated Waveforms of the PFC
Inductor Current at Two Current Limits
95%
I
0.57
R
PK
L,
S
=
(7)
The FAN6961 current-sense limit, VCS, is 0.82V typically.
From Faraday’s law, the number of turns for PFC inductor
can be obtained by:
6
e
max
pk
,
L
b
b
10
A
B
I
L
N
=
(8)
where:
Ae is the effective area of the core-section,
Bmax is saturation magnetic flux density.
Determine the Auxiliary Winding
The FAN6961 can perform zero-current detection by
sensing the information on an auxiliary winding of the PFC
inductor. As discussed previously, when the ZCD voltage is
lower than the threshold voltage (1.75V typical), the PWM
output is high again and initiates a new switching cycle.
However, there is a prerequisite: the zero-current detector
voltage must exceed the rising-edge threshold voltage (2.1V
typical) before it falls below 1.75V. The minimum rising-
edge voltage of zero-current detector input occurs at the
peak of the highest AC line voltage, which is equal to
n
/
V
2
-
V
max
rms,
O
and must be larger than the ZCD input
rising-edge threshold voltage (2.1V typical). The ZCD
voltage VZCD should be established as high as 120% of 2.3V
to have a safe margin; therefore, the number of turns for
auxiliary winding is obtained as:
b
max
.
rms
o
zcd
aux
N
V
2
V
2
.
1
V
=
N
(9)
where Vrms,max is the maximum input line rms voltage.
VZCD is the rising-edge voltage of zero-current detector
input.
Figure 18.
Simplified Power Stage
Calculate On-Time ton.fix
The fixed on-time for the specific output power, inductor,
and input voltage can be calculated by:
η
=
2
rms
b
o
fix
.
on
V
L
P
2
t
(10)
where:
Lb is the PFC inductor,
η is conversion efficiency,
PO is the maximum rated output power,
Vrms is the input line rms voltage.


Similar Part No. - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
Control a CCM PFC and Flyback/PWM Power Supply
logo
Analog Devices
AN-692 AD-AN-692 Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
More results

Similar Description - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com