Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6961 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # AN-6961
Description  Critical Conduction Mode PFC Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6961 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  AN-6961 Datasheet HTML 1Page - Fairchild Semiconductor AN-6961 Datasheet HTML 2Page - Fairchild Semiconductor AN-6961 Datasheet HTML 3Page - Fairchild Semiconductor AN-6961 Datasheet HTML 4Page - Fairchild Semiconductor AN-6961 Datasheet HTML 5Page - Fairchild Semiconductor AN-6961 Datasheet HTML 6Page - Fairchild Semiconductor AN-6961 Datasheet HTML 7Page - Fairchild Semiconductor AN-6961 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN-6961
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 4/8/09
5
10V
2.1V
1.75V
VO
Vg(t)
VZCD
VDS
Gate
2Vg(t) - VO
Inhibit time
t
t
t
Figure 14.
VDS & VZCD & Gate Waveform
Maximum On-Time Operation
The on-time of the power MOSFET is varied with the output
power and the AC input voltage. While the AC input voltage
decreases,
the
on-time
increases
accordingly.
The
maximum on-time limit ton,max can be programmed by the
resistor connected between MOT and GND pin.
)
µs
(
24
25
)
k
(
Rmot
Ω
=
max
on,
t
(4)
The range of the maximum on-time is designed to be within
10~50μs; 25μs is recommended.
VCC Over-Voltage Protection
A VCC over-voltage protection avoids damage when the
voltage VDD exceeds the internal threshold due to an open-
loop failure. Once the protection is triggered, the PWM
output is turned off.
Peak Current Limiting
The switch current is sensed across a resistor and supplied
to an input terminal of a comparator. A voltage higher than
the 0.82V threshold voltage on the CS pin immediately
terminates the current switching cycle, activating cycle-by-
cycle current limiting.
Leading-Edge Blanking (LEB)
A turn-on spike inevitably occurs at the CS pin when the
power MOSFET is switched on. At the beginning of each
switching pulse, the current-limit comparator is disabled for
around 350ns to avoid premature termination. The gate drive
output cannot be switched off during the blanking period.
Under-Voltage Lockout (UVLO)
The turn-on and turn-off threshold voltages are fixed
internally at 12V and 9.5V, respectively. This hysteresis
behavior guarantees a one-shot start-up, as long as a
proper start-up resistor and hold-up capacitor are used.
Output Driver
With a low on resistance and a high current driving
capability, the output driver can drive an external capacitive
load larger than 3000pF. Cross conduction currents are
avoided to minimize heat dissipation, improving efficiency
and reliability. This output driver is internally clamped by a
17V Zener diode.
Lab Note
Before rework or solder/desolder on the power supply,
discharge the primary capacitors by external bleeding
resistor
. Otherwise, the PWM IC may be destroyed by
external high voltage during solder/desolder.
Design Guideline
PFC Inductor Design
As shown in Figure 15, considering one AC line voltage
cycle, the minimum switching frequency fs,min occurs at the
peak of the AC line voltage. To avoid audible noise, the
minimum switching frequency fs,min must be above audible
frequency. The appropriate inductance can be calculated by
Equation 5. The minimum switching frequency fs,min may
happen in AC maximum or minimum input voltage,
depending on the output voltage. Therefore, calculate both
the maximum and the minimum input voltages, then choose
the lower inductance value.
(
)
min
.
s
o
o
pk
o
2
pk
f
V
P
4
V
V
V
=
η
b
L
(5)
where:
Lb is the PFC inductor,
η is conversion efficiency,
Vpk is the peak of the AC line voltage,
PO is rated output power,
VO is PFC output voltage,
fs,min is the minimum switching frequency.
0.00E+00
1.00E+04
2.00E+04
3.00E+04
4.00E+04
5.00E+04
6.00E+04
7.00E+04
0
10
20
304050607080
Time(S/5000)
Switching Frequency
Line input voltage[Vin(t)*200]
Figure 15.
Frequency vs. Input Voltage
The peak inductor current iLpk can be expressed as:
η
=
min
.
rms
o
V
2
P
4
L,pk
i
(6)
where Vrms.min is the minimum input line rms voltage.
With the internal THD optimization circuit, the real peak
inductor current is smaller than calculated. Usually, the real
peak current is around 95% of calculated value.


Similar Part No. - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
Control a CCM PFC and Flyback/PWM Power Supply
logo
Analog Devices
AN-692 AD-AN-692 Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
More results

Similar Description - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com