Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6961 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # AN-6961
Description  Critical Conduction Mode PFC Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6961 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  AN-6961 Datasheet HTML 1Page - Fairchild Semiconductor AN-6961 Datasheet HTML 2Page - Fairchild Semiconductor AN-6961 Datasheet HTML 3Page - Fairchild Semiconductor AN-6961 Datasheet HTML 4Page - Fairchild Semiconductor AN-6961 Datasheet HTML 5Page - Fairchild Semiconductor AN-6961 Datasheet HTML 6Page - Fairchild Semiconductor AN-6961 Datasheet HTML 7Page - Fairchild Semiconductor AN-6961 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN-6961
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 4/8/09
4
Figure 10 shows the measured input current on the
example circuit board.
Ch2: Before THD Optimization (1A/div);
Ref1: After THD Optimization (1A/div)
Figure 10.
Calculated Waveforms of the Input Current
(Before and After THD Optimization Circuit is Added)
Figure 11 shows the measured THD performance on the
example circuit board.
2
3
4
5
6
7
8
9
10
90
110
220
240
264
Vac(V)
THD Optimization
Fixed On-Time
Figure 11.
Measured THD Result at Full Load Condition
(Fixed On-time Technique vs. THD Optimization)
Over- / Under-Voltage Protection (OVP/UVP)
Over / under-voltage protection is built-in to provide
protection by detecting and examining the voltage on INV
pin. When the voltage VINV exceeds 2.75V due to abnormal
conditions, the internal OVP protection circuit is triggered to
disable the PWM output. Over-voltage conditions are
usually caused by an open-loop feedback. A debounce time
around 35μs is added to prevent false triggering. If the
voltage VINV is below 0.45V due to short-circuit conditions,
PWM output is turned off.
1
2
Figure 12. Block Diagram of the Over / Under- Voltage
Protection
Zero-Current Detection
Figure 13 shows the block diagram of the zero-current
detection. The zero inductor current detection is performed
by sensing the information on an auxiliary winding of the
PFC inductor. As shown in Figure 14, when Q turns off, the
stored energy of the inductor starts to release to the output.
The voltage on the ZCD starts to decrease when the energy
in the inductor dries out. Once the ZCD voltage is lower
than the threshold voltage (1.75V typical), the PWM output
is high again and initiates a new switching cycle. The output
rectifier is always turned off with zero current, so the
converter works in boundary mode conditions and the
power MOSFET is switched on with low voltage to minimize
the switching losses.
Once the ZCD voltage is lower than the disable threshold
voltage (around 0.25V) for a duration of about 800µs, the
PWM output is disabled.
To prevent high switching frequency during light load
conditions, an inhibit timer function is built in to limit the
maximum switching frequency.
An RC filter (CZCD is around 0~22pF, RZCD is around
33K~68K
Ω) connected from auxiliary winding to the ZCD
pin is recommended to improve noise immunity on the ZCD
pin.
Figure 13.
Block Diagram of the Zero-Current
Detection


Similar Part No. - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
Control a CCM PFC and Flyback/PWM Power Supply
logo
Analog Devices
AN-692 AD-AN-692 Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
More results

Similar Description - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com