Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6961 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # AN-6961
Description  Critical Conduction Mode PFC Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6961 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  AN-6961 Datasheet HTML 1Page - Fairchild Semiconductor AN-6961 Datasheet HTML 2Page - Fairchild Semiconductor AN-6961 Datasheet HTML 3Page - Fairchild Semiconductor AN-6961 Datasheet HTML 4Page - Fairchild Semiconductor AN-6961 Datasheet HTML 5Page - Fairchild Semiconductor AN-6961 Datasheet HTML 6Page - Fairchild Semiconductor AN-6961 Datasheet HTML 7Page - Fairchild Semiconductor AN-6961 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN-6961
APPLICATION NOTE
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2 • 4/8/09
3
Block Operation Description
Multi-Vector Error Amplifier
The FAN6961 has a trans-conductance type amplifier that
provides better dynamic performance. Referring to Figure 6,
the error amplifier output VEA is compared with a sawtooth
waveform to generate a fixed on-time. To achieve a low
input current THD, the variation of the on-time within one
input AC cycle should be very small. Therefore, the
bandwidth of the feedback loop should be set below 20Hz
to maintain a constant on-time for a line half-cycle.
Connecting a capacitance CEA, such as 1µF, between
COMP and GND is suggested.
t
_
EA out
V
PWM
Gate
ds
V
()
L
it
t
t
t
()
g
b
Vt
L
-( )
og
b
VV t
L
on
t
Sawtooth Generator
()
g
Vt
off
t
Figure 6. Operation Waveforms of Fixed On Time
Technique
For fast transient response and precise clamping of the
output voltage overshoot and undershoot, the FAN6961 has
a built-in multi-vector error amplifier. Figure 7 shows the
block diagram of the multi-vector error amplifier. When the
variation of the feedback voltage exceeds +6% and -8% of
the reference voltage, the multi-vector error amplifier
adjusts its output impedance to increase the loop response.
1
2
FAN6961
2.65V
2.3V
INV
CO
VO
Vref(2.5V)
VEA_OUT
CEA
COMP
Error
Amplifier
Figure 7. Block Diagram of the Multi-Vector Error
Amplifier
Total Harmonic Distortion (THD) Optimization
As discusses previously, the FAN6961 uses the controlled
on-time technique to achieve power factor correction
mechanism. However, to get better THD at light load
condition, especially at high input voltage, a THD
optimization circuit is inserted into the FAN6961. With this
internal THD optimization circuit, the on-time of the power
MOSFET is modulated to further improve the THD
performance. The calculated on-time variation within one
line voltage period with the fixed on-time technique, and
after the THD optimization is added, are shown in Figure 8.
The calculated input current waveform is shown in Figure 9.
5.00E-07
2.50E-06
4.50E-06
6.50E-06
8.50E-06
1.05E-05
1.25E-05
1.45E-05
1.65E-05
1.85E-05
0
20
40
60
80
100
120
140
160
Time(S/10000)
THD Optimization(Vac=90V,Vo=250V)
Fixed On Time(Vac=90V,Vo=250V)
THD Optimization(Vac=264V,Vo=400V)
Fixed On Time(Vac=264V,Vo=400V)
Figure 8. MOS Turn-on Time Calculational Curve
(Before and After THD Optimization Circuit Added)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
120
140
160
Time(S/10000)
THD Optimization(Vac=90V,Vo=250V)
Fixed On Time(Vac=90V,Vo=250V)
THD Optimization(Vac=264V,Vo=400V)
Fixed On Time(Vac=264V,Vo=400V)
Figure 9. Calculated Waveforms of the Input Current
(Before and After THD Optimization Circuit Added)


Similar Part No. - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6902 FAIRCHILD-AN-6902 Datasheet
545Kb / 12P
Control a CCM PFC and Flyback/PWM Power Supply
logo
Analog Devices
AN-692 AD-AN-692 Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
AN-6982 FAIRCHILD-AN-6982 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
More results

Similar Description - AN-6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com