Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFH36N55Q2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFH36N55Q2
Description  HiPerFET Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH36N55Q2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFH36N55Q2 Datasheet HTML 1Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 2Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 3Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 4Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
IXFH36N55Q2
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
0
3
6
9
12
15
18
21
24
27
30
VD S - Volts
VGS = 10V
8V
6V
5V
7V
Fig. 3. Output Characteristics
@ 125
ºC
0
3
6
9
12
15
18
21
24
27
30
33
36
02468
10
12
14
16
VD S - Volts
VGS = 10V
8V
7V
4V
5V
6V
Fig. 1. Output Characteristics
@ 25
ºC
0
3
6
9
12
15
18
21
24
27
30
33
36
0
1234
567
VD S - Volts
VGS = 10V
8V
7V
5V
4V
6V
Fig. 4. RDS(on) Normalized to 0.5 ID25
Value vs. Junction Tem perature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 36A
ID = 18A
VGS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Normalized to
0.5 ID25 Value vs. ID
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
0
10203040506070
80
90
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V


Similar Part No. - IXFH36N55Q2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH36N55Q2 ISC-IXFH36N55Q2 Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH36N55Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com