Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFH36N55Q2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFH36N55Q2
Description  HiPerFET Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH36N55Q2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFH36N55Q2 Datasheet HTML 1Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 2Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 3Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 4Page - IXYS Corporation IXFH36N55Q2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
550
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
550
V
V
GS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C36
A
I
DM
T
C = 25°C, pulse width limited by TJM
144
A
I
AR
T
C = 25°C36
A
E
AR
T
C = 25°C50
mJ
E
AS
T
C = 25°C
2.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
20
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
560
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
0.9/6 Nm/lb.in.
Weight
6
g
HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g
Low R
g, High dv/dt, Low trr
Features
Double metal process for low gate
resistance
International standard packages
Epoxy meet UL 94 V-0, flammability
classification
Low R
DS (on), low Qg
Avalanche energy and current rated
Fast intrinsic rectifier
Applications
DC-DC converters
Switched-mode and resonant-mode
power supplies, >500kHz switching
DC choppers
Pulse generation
Laser drivers
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250 µA
550
V
V
GS(th)
V
DS = VGS, ID = 4 mA
2.5
5.0
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±100 nA
I
DSS
V
DS = VDSS
T
J = 25°C25
µA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
0.18
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
DS99074A(04/04)
TO-247 AD (IXFH)
(TAB)
IXFH36N55Q2
V
DSS
= 550 V
I
D25
=
36 A
R
DS(on)
= 0.18
t
rr
≤≤≤≤ 250 ns
G = Gate
S = Source
TAB = Drain
Preliminary Data Sheet


Similar Part No. - IXFH36N55Q2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH36N55Q2 ISC-IXFH36N55Q2 Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH36N55Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com