Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-3100 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # DL-3100
Description  1310 nm DFB LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3100 Datasheet(HTML) 1 Page - Optoway Technology Inc

  DL-3100_07 Datasheet HTML 1Page - Optoway Technology Inc DL-3100_07 Datasheet HTML 2Page - Optoway Technology Inc DL-3100_07 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
DL-3100
**************************************************************************************************************************************************************
**************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
1310 nm DFB LASER DIODES
DL-3100 SERIES
MQW-DFB LASER DIODES
**************************************************************************************************************************************************************
FEATURES
² Uncooled Laser Diode with Al-free MQW Structure
² High Reliability, Long Operation Life
² 5 mW CW Operation at 0 ºC ~ +70 ºC
² Single Frequency Operation with High SMSR
² Up to 2.5 Gb/s Operation
² Build-in InGaAs Monitor
² Flat Window Cap Package (DL-310XX)
² Aspherical Lens Cap Package (DL-312XX)
² 2 mm Ball Lens Cap Package (DL-314XX)
APPLICATION
Optical communication system
DESCRIPTION
DL-3100 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation with
emission wavelength of 1310 nm. DL-3100 series are hermetically sealed devices with the build-in
photodiode for output monitoring.
ELECTRICAL AND OPTICAL CHARACTERISTICS
(Tc=25°C, Pop=5mW, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold Current
CW
10
15
mA
VOP
Operating Voltage
CW, Pop=5mW
1.2
1.5
V
η
Slope Efficiency
Part No:DL-310XX
DL-312XX
DL-314XX
CW, Pop=5mW
0.25
0.20
0.20
0.36
0.32
0.25
mW/mA
λc
Center Wavelength
CW, Pop=5mW
1290
1310
1330
nm
SMSR
Side Mode Suppression Ratio
CW, Pop=5mW
30
35
dB
θ
Beam Divergence
(Parallel)
CW, Flat Window
25
deg.
θ⊥
Beam Divergence
(Perpendicular)
CW, Flat Window
35
deg.
t r, t f
Rise And Fall Times
Part No:DL-31XX
DL-31XXS
IF=Ith, 20~ 80%, Pop=5mW
226
150
Ps
Im
PD Monitor Current
CW,VRD=1V, Pop=5mW
50
1500
μA
ID
PD Dark Current
VRD=5V
0.1
μA
Ct
PD Capacitance
V
RD=5V, f=1MHz
10
15
pF
Pf
Fiber Coupled Power
Part No:DL-312XX
DL-314XX
CW, SM fiber, Pop=5mW
1.5
0.5
mW


Similar Part No. - DL-3100_07

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results

Similar Description - DL-3100_07

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
1310 nm GPON DFB Laser Chip
1688 EMCORE-1688 Datasheet
753Kb / 5P
1688 1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com