Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC89962M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC89962M
Description  NTSC Format Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89962M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC89962M Datasheet HTML 1Page - Sanyo Semicon Device LC89962M Datasheet HTML 2Page - Sanyo Semicon Device LC89962M Datasheet HTML 3Page - Sanyo Semicon Device LC89962M Datasheet HTML 4Page - Sanyo Semicon Device LC89962M Datasheet HTML 5Page - Sanyo Semicon Device LC89962M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CMOS LSI
Ordering number : EN*5420
93096HA (OT) No. 5420-1/6
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
NTSC Format Delay Line
LC89962, LC89962M
Overview
The LC89962 and LC89962M are delay line circuits that
provide a delayed signal by a 1H period of NTSC format
with an external low-pass filter.
Features
• Requires only the input of a 3.58-MHz clock to produce
a 1H delayed signal and the external low-pass filter.
• Uses a 5-V single-voltage power supply.
• Requires a minimal number of external components due
to the peripheral components provided on chip.
• Output signal has the same phase as the input signal.
• Operation has a 4fsc clock synchronized with the input
clock allows these products to be used as wide
bandwidth delay lines.
• A 4fsc clock can be output from the 4FSC pin (pin 7).
Functions
• 906-bit CCD shift register
• Timing generator and CCD driver circuits
• Auto-bias circuit
• Sync-tip clamp circuit
• Sample-and-hold and output amplifier circuits
•4
× PLL circuit
• 4fsc output circuit
Specifications
Absolute Maximum Ratings at Ta = 25°C
Package Dimensions
unit: mm
3001B-DIP8
unit: mm
3032B-MFP8
SANYO: DIP8
[LC89962]
SANYO: MFP8
[LC89962M]
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +6.0
V
Allowable power dissipation
Pd max
LC89962
400
mW
LC89962M
140
mW
Operating temperature
Topr
–10 to +60
°C
Storage temperature
Tstg
–55 to +125
°C


Similar Part No. - LC89962M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
   NTSC 1H Delay Line
LC89960M SANYO-LC89960M Datasheet
80Kb / 5P
   NTSC 1H Delay Line
More results

Similar Description - LC89962M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89975M SANYO-LC89975M Datasheet
98Kb / 7P
   PAL-Format Delay Line
LC89915 SANYO-LC89915 Datasheet
74Kb / 4P
   NTSC 1H Delay Line
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
   NTSC 1H Delay Line
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com