Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-020 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 230-020
Description  Bayonet Coupling Solder Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-020 Datasheet(HTML) 1 Page - Glenair, Inc.

  230-020 Datasheet HTML 1Page - Glenair, Inc. 230-020 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
D-22
D
230-020
MIL-DTL-26482 Series II Type Hermetic
Bayonet Coupling Solder Mount Receptacle
with Crimp Removable Contacts • MS3473 Type
Contact Type
D = Pin Face, Crimp Rear,
Removable Sockets
(See Note 6)
Insert
Arrangement
Per MIL-STD-1669
Series 230
MIL-DTL-26482
Type
230 - 020
FT
10 - 6
D
X
Material/Finish
Z1 = Stainless Steel/
Passivated
ZL = Stainless Steel/
Nickel Plated
FT = C1215 Stainless
Steel/Tin Plated
(See Note 2)
Alternate Insert
Arrangement
W, X, Y or Z
(Omit for Normal)
(See Table II)
Shell
Size
Connector Style
020 = Hermetic Solder Mount
Receptacle with Solderless
Contacts
Painted
Bayonet
Pin Ends
Rear Insulator
Assembly
.070 ±.031 Wide
Blue Color Band
Located Within
.125 Of Flange
A
B
C
D
E
F
Peripheral
Gasket
Interfacial
Seal
Vitreous
Insert
F
.047
.026
L Max
.060 Width
Polarizing
Stripe
C
Master
Polarizing
Keyway
Ø A
Ø K
PANEL
CUT-OUT


Similar Part No. - 230-020

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
Bayonet Coupling Solder Mount Receptacle
230-02086D GLENAIR-230-02086D Datasheet
303Kb / 2P
Hermetic Receptacle, Solder Mount, Crimp Contacts
More results

Similar Description - 230-020

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-014 GLENAIR-230-014 Datasheet
403Kb / 2P
Bayonet Coupling Solder Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
Bayonet Coupling Box Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
433Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
257Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
Bayonet Coupling Solder Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com