Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-402 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TX-402
Description  Temperature Compensated Crystal Oscillator High Precision
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-402 Datasheet(HTML) 1 Page - Vectron International, Inc

  TX-402 Datasheet HTML 1Page - Vectron International, Inc TX-402 Datasheet HTML 2Page - Vectron International, Inc TX-402 Datasheet HTML 3Page - Vectron International, Inc TX-402 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 1 of 4
TX-402
Temperature Compensated Crystal Oscillator
High Precision
High Precision TCXO
OCXO Replacement
OCXO Temperature Performance
Low power consumption
Low cost
Tight Tolerances
Base Station
Test Equipment
Femto Base Station
Communication Equipment
Digital Switching
Features
Applications
TX-402
Frequency Stabilities1 (Standard - 6.4 to 26 MHz)
Parameter
Min
Typical
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
-280
-140
-100
-100
-70
-50
+280
+140
+100
-100
+70
+50
ppb
ppb
ppb
ppb
ppb
ppb
-40 to +85°C
-40 to +85°C
-40 to + 85°C for some frequencies1
-20 to +70°C
-20 to +70°C
-20 to + 70°C for some frequencies1
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / year
vs. aging / 10 years
-0.5
-10
-10
-10
-1.0
-3.0
+0.5
+10
+10
+10
+1.0
+3.0
ppm
ppb
ppb
ppb
ppm
ppm
at time of shipment, nominal EFC
V
S
±5% static
Load ±5% static
after 30 days of operation
after 30 days of operation
after 30 days of operation
Performance Specifications


Similar Part No. - TX-402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TX-402 MICROSEMI-TX-402 Datasheet
684Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
logo
Vectron International, ...
TX-402 VECTRON-TX-402_15 Datasheet
618Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
More results

Similar Description - TX-402

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX-502 VECTRON-TX-502_12 Datasheet
206Kb / 5P
Temperature Compensated Crystal Oscillator High Precision
TX-402 VECTRON-TX-402_15 Datasheet
618Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
TX-502 VECTRON-TX-502_15 Datasheet
632Kb / 5P
Temperature Compensated Crystal Oscillator High Precision
logo
NIHON DEMPA KOGYO
NT5032BA NDK-NT5032BA Datasheet
703Kb / 1P
High Precision Temperature Compensated Crystal Oscillator (TCXO)
logo
Microsemi Corporation
TX-402 MICROSEMI-TX-402 Datasheet
684Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
TX-502 MICROSEMI-TX-502 Datasheet
687Kb / 5P
Temperature Compensated Crystal Oscillator High Precision
logo
NIHON DEMPA KOGYO
NT7050BC NDK-NT7050BC_18 Datasheet
724Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
NT7050BB NDK-NT7050BB_18 Datasheet
719Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
NT5032BA NDK-NT5032BA_18 Datasheet
710Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com