Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE060AFT4-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXRE060AFT4-7
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060AFT4-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXRE060AFT4-7 Datasheet HTML 1Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 2Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 3Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 4Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 5Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 6Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 7Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 8Page - Diodes Incorporated ZXRE060AFT4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZXRE060
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060
Document number: DS33611 Rev. 6 - 2
2 of 12
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Pin Description
Pin
(SC70-5 /SOT353,
TSOT23-5)
Pin
(DFN)
Name
Function
1
1
PGND
Power Ground: Ground return for emitter of output transistor: Connect PGND and
GND together.
-
2
No connection
5
3
OUT
Output. Connect a capacitor close to device between OUT and GND. See the
Applications Information section.
4
4
FB
Feedback Input. Regulates to 600mV nominal.
2
5
GND
Analog Ground: Ground return for reference and amplifier: Connect GND and
PGND together.
3
6
IN
Supply Input. Connect a 0.1
μF ceramic capacitor close to the device from IN to
GND.
-
Flag
Floating or connect to GND
Function Block Diagram
The ZXRE060 differs from most other shunt regulators in that it has separate input and output pins and a low voltage reference.
This enables it to regulate rails down to 600mV and makes the part ideal for isolated power supply applications that use opto-
couplers in the feedback loop and where the open-collector output is required to operate down to voltages as low as 200mV.
The wide input voltage range of 2V to 18V and output voltage range of 0.2V to 18V enables the ZXRE060 to be powered from
an auxiliary rail, while controlling a master rail which is above the auxiliary rail voltage, or below the minimum VIN voltage. This
allows it to operate as a low-dropout voltage regulator for microprocessor/DSP/PLD cores.
As with other shunt regulators (and shunt references), the ZXRE060 compares its internal amplifier FB pin to a high accuracy
internal reference; if FB is below the reference then OUT turns off, but if FB is above the reference then OUT sinks current – up
to a maximum of 15mA.


Similar Part No. - ZXRE060AFT4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060AFT4-7 DIODES-ZXRE060AFT4-7 Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
More results

Similar Description - ZXRE060AFT4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
   0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com