Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-1202 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # F-1202
Description  Starlan Filters/Dual & Single Starlan Isolation Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

F-1202 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  F-1202 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
37
STARLAN - 7/97
Electrical Specifications at 25o C
Turns
OCL
C
W/W
L
L
DCR
Hi-Pot
Filter
Ratio
+ 20%
max.
max.
Pri. max.
min.
Part No.
+ 5%
(
µH )
( pF )
(
µH )
(
Ω )( V
RMS )
F-1201
1:1:1:1
18
25
0.20
0.075
2000
F-1200
1:1:1:1
24
25
0.20
0.075
2000
F-1202
1:1:1:1
30
25
0.20
0.065
2000
F-1203
1:1:1:1
40
30
0.35
0.085
2000
Dual Transformer 14-Pin Schematic
SEC.
SEC.
PRI.
PRI.
Turns
OCL
E-T
Rise
C
W/W
LL
DCR
Hi-Pot
Transformer
Ratio
( + 20%)
min.
Time max.
max.
max.
max.
min.
Style
Part No.
( + 5%)
( mH )
V-
µS
( ns )
( pF )
(
µH )
(
Ω )( V
RMS )
Package
T-11100
1:1
2.5
20
100
25
8.0
1.0
2000
Single-T4
T-11101
1:1
2.5
20
25
40
1.1
1.0
2000
Single-T4
T-11102
1:1
2.5
20
100
25
8.0
1.0
2000
Dual-A7
T-11103
1:1
2.5
20
25
40
1.1
1.0
2000
Dual-A7
Electrical Specifications at 25o C
Starlan Filters
Designed for IEE 802.3 (1 BASE 5)
High Isolation to comply with
International Safety Requirements
for LANS (ECMA 97)
Designed for Hub and Node Use
Filter 8-Pin
Schematic
Single Transformer
4 Pin Schematic
Dual & Single
Starlan Isolation
Transformers
Designed for IEE 802.3 (1 BASE 5)
High Isolation to comply with
International Safety Requirements
for LANS (ECMA 97)
Fast Rise Times
Designed for Hub and Node Use


Similar Part No. - F-1202

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-120 RHOMBUS-IND-F-120 Datasheet
27Kb / 1P
High Frequency Data Line Filter (4 Lines - Two Coils)
More results

Similar Description - F-1202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C551 ETC-82C551 Datasheet
451Kb / 21P
STARLAN HUB CONTROLLER
82C550A ETC1-82C550A Datasheet
807Kb / 15P
STARLAN SERIAL INTERFACE
logo
Bel Fuse Inc.
0553-0033-AC BEL-0553-0033-AC Datasheet
193Kb / 2P
ISOLATIONTRANSFORMERS FOR STARLAN APPLICATIONS
logo
Premier Magnetics, Inc.
PM-9001 PMI-PM-9001 Datasheet
83Kb / 2P
1000 Base-T MODULES ISOLATION TRANSFORMERS WITH FILTERS
PM-8508 PMI-PM-8508 Datasheet
292Kb / 12P
10/100 Base-TX ISOLATION TRANSFORMERS WITH FILTERS
PM-7583 PMI-PM-7583 Datasheet
41Kb / 2P
25.6 MBPS ATM FILTERS MODULES & SMD ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA045-1 PCA-EPA045-1 Datasheet
18Kb / 1P
Starlan Isolation Transformers
logo
Bothhand USA, LP.
14PT4382 BOTHHAND-14PT4382 Datasheet
69Kb / 1P
ISOLATION TRANSFORMER FOR STARLAN
logo
Coilcraft lnc.
CR7983 COILCRAFT-CR7983 Datasheet
320Kb / 1P
Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
Isolation Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com