Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1GU04W5 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74AHC1GU04W5
Description  UNBUFFERED SINGLE INVERTER GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1GU04W5 Datasheet(HTML) 3 Page - Diodes Incorporated

  74AHC1GU04W5 Datasheet HTML 1Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 2Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 3Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 4Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 5Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 6Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 7Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AHC1GU04
UNBUFFERED SINGLE INVERTER GATE
74AHC1GU04
Document number: DS35178 Rev. 1 - 2
3 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
VO
Voltage applied to output in high or low state
-0.5 to VCC +0.5
V
IIK
Input Clamp Current VI<0
-20
mA
IOK
Output Clamp Current (VO < 0 or VO > VCC)
±20
mA
IO
Continuous output current (VO = 0 to VCC)
±25
mA
ICC
Continuous current through VCC
50
mA
IGND
Continuous current through GND
-50
mA
TJ
Operating Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
Notes:
2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
2
5.5
V
VIH
High-level Input Voltage
VCC = 2V
1.7
V
VCC = 3V
2.4
VCC = 5.5V
4.4
VIL
Low-level input voltage
VCC = 2V
0.3
V
VCC = 3V
0.6
VCC = 5.5V
1.1
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
VCC = 2V
-50
uA
VCC = 3.3V ± 0.3V
-3
mA
VCC = 5V ± 0.5V
-6
IOL
Low-level output current
VCC = 2V
50
uA
VCC = 5V ± 0.5V
3
mA
VCC = 3V
6
TA
Operating free-air
temperature
-40
85
ºC
Notes:
3. Unused inputs should be held at VCC or Ground.


Similar Part No. - 74AHC1GU04W5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1GU04 PHILIPS-74AHC1GU04 Datasheet
106Kb / 16P
Inverter
1999 May 19
74AHC1GU04 NXP-74AHC1GU04 Datasheet
94Kb / 12P
Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74AHC1GU04 NEXPERIA-74AHC1GU04 Datasheet
233Kb / 12P
Inverter
Rev. 6 - 12 January 2022
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Texas Instruments
74AHC1GU04DBVRE4 TI-74AHC1GU04DBVRE4 Datasheet
475Kb / 12P
SINGLE INVERTER GATE
More results

Similar Description - 74AHC1GU04W5

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLCE MINILOGIC-ML74WLCE Datasheet
154Kb / 4P
Inverter (unbuffered) and OR Gate (unbuffered)
ML74WLAC MINILOGIC-ML74WLAC Datasheet
155Kb / 4P
NAND Gate (unbuffered) and Inverter (unbuffered)
ML74WLBC MINILOGIC-ML74WLBC Datasheet
154Kb / 4P
NOR Gate (unbuffered) and Inverter (unbuffered)
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
Single Unbuffered Inverter
January, 2005 ??Rev. 8
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
Single Unbuffered Inverter
November, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
Single unbuffered inverter
Rev. 7 - 4 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com