Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1GU04W5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74AHC1GU04W5
Description  UNBUFFERED SINGLE INVERTER GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1GU04W5 Datasheet(HTML) 1 Page - Diodes Incorporated

  74AHC1GU04W5 Datasheet HTML 1Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 2Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 3Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 4Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 5Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 6Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 7Page - Diodes Incorporated 74AHC1GU04W5 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74AHC1GU04
UNBUFFERED SINGLE INVERTER GATE
74AHC1GU04
Document number: DS35178 Rev. 1 - 2
1 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Description
The 74AHC1GU04 is a single inverter gate with a standard
totem pole output. The device is designed for operation with
a power supply range of 2.0V to 5.5V. The inverter can be
used in analog circuits such as crystal oscillators.
Pin Assignments
SOT25 / SOT353
NC
GND
Y
Vcc
(Top View)
5
4
3
2
1
A
Features
Supply Voltage Range from 2.0V to 5.5V
± 6 mA Output Drive at 5.0V
CMOS low power consumption
Unbuffered Output
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
Latch-Up Exceeds 100mA per JESD 78, Class II
SOT25 and SOT353: Assembled with “Green” Molding
Compound (no Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
Applications
Crystal Oscillators, Analog Inverters
Wide array of products such as.
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - 74AHC1GU04W5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1GU04 PHILIPS-74AHC1GU04 Datasheet
106Kb / 16P
   Inverter
1999 May 19
74AHC1GU04 NXP-74AHC1GU04 Datasheet
94Kb / 12P
   Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74AHC1GU04 NEXPERIA-74AHC1GU04 Datasheet
233Kb / 12P
   Inverter
Rev. 6 - 12 January 2022
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Texas Instruments
74AHC1GU04DBVRE4 TI-74AHC1GU04DBVRE4 Datasheet
475Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Similar Description - 74AHC1GU04W5

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLCE MINILOGIC-ML74WLCE Datasheet
154Kb / 4P
   Inverter (unbuffered) and OR Gate (unbuffered)
ML74WLAC MINILOGIC-ML74WLAC Datasheet
155Kb / 4P
   NAND Gate (unbuffered) and Inverter (unbuffered)
ML74WLBC MINILOGIC-ML74WLBC Datasheet
154Kb / 4P
   NOR Gate (unbuffered) and Inverter (unbuffered)
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
   Single Unbuffered Inverter
January, 2005 ??Rev. 8
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
   Single Unbuffered Inverter
November, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com