Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4400 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C4400
Description  Surface Mount Package Optional
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4400 Datasheet(HTML) 3 Page - Vectron International, Inc

  C4400 Datasheet HTML 1Page - Vectron International, Inc C4400 Datasheet HTML 2Page - Vectron International, Inc C4400 Datasheet HTML 3Page - Vectron International, Inc C4400 Datasheet HTML 4Page - Vectron International, Inc C4400 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vectron International · www.vectron.com
v.2006-11-10 · page 3 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
C4400
OCXO
Enclosures
Type A
Type B
Package Codes:
Code
Height “H”
Pin Length “L”
Code
Height “H”
Pin Length “L”
A1
9.3
5.85min.
B1
10.4
NA
A2
8.3
5.85min.
Dimensions: mm
"H" MAX
18.48
12.70
20.32
2.5
2.5
15.24
1
7
88
14
10.81
Dimensions: Imm
Pin Connections
Pin Connections
1
Electrical Frequency Adjust Input (EFC)
1
Electrical Frequency Adjust Input (EFC)
7
Ground (Case)
7
Ground (Case)
8
RF Output
8
RF Output
14
Supply Voltage Input
14
Supply Voltage Input
Standard Shipping Method (For Type B Enclosures)
*bei W
≤ 24 mm nur untere Lochreihe
∗by W ≤ 24 mm only lower hole line
Gurtoberseite
Tape upper side
Gurtunterseite
Tape buttom side
Abwickelrichtung
Unwinding direction
Lage im Gurt
Position in tape
Pin 1
A
X
P
B
K
Production tolerance complying DIN IEC 286-3
Enclosure Type
Tape width
W [mm]
Quantity
per meter
Quantity
per reel
Dimension
P
Type B
44
50
300
20


Similar Part No. - C4400

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4400 VECTRON-C4400 Datasheet
239Kb / 5P
   OCXO 4-Pin Dip Surface Mount Package Optional Fast Warm-up
More results

Similar Description - C4400

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4500 VECTRON-C4500_06 Datasheet
124Kb / 5P
   Surface Mount Package Optional
C4550 VECTRON-C4550_06 Datasheet
116Kb / 5P
   Surface Mount Package Optional
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com