Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CP1504 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY2CP1504
Description  1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CP1504 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY2CP1504 Datasheet HTML 5Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 6Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 7Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 8Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 9Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 10Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 11Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 12Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CY2CP1504
Document Number: 001-56313 Rev. *F
Page 12 of 13
Document History Page
Document Title: CY2CP1504 1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
Document Number: 001-56313
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
2782891
CXQ
10/09/09
New Datasheet
*A
2838916
CXQ
05/01/2010
Changed status from “ADVANCE” to “PRELIMINARY”.
Changed from 0.34 ps to 0.25 ps maximum additive jitter in “Features” on page
1 and in tJIT in the AC Electrical Specs table on page 5.
Added tPU spec to the Operating Conditions table on page 3.
Changed max IDD spec in the DC Electrical Specs table on page 4 from 60
mA to 61 mA.
Changed VOH in the DC Electrical Specs table on page 4: minimum from VDD
- 1.15V to VDD - 1.20V; maximum from VDD - 0.75V to VDD - 0.70V.
Removed VOD spec from the DC Electrical Specs table on page 4.
Added RP spec in the DC Electrical Specs table on page 4. Min = 60 kΩ, Max
= 140 k
Ω.
Added a measurement definition for CIN in the DC Electrical Specs table on
page 4.
Added VPP spec to the AC Electrical Specs table on page 5. VPP min = 600
mV for DC - 150 MHz and min = 400 mV for 150 MHz to 250 MHz.
Changed letter case and some names of all the timing parameters in the AC
Electrical Specs table on page 5 to be consistent with EROS.
Lowered all additive phase noise mask specs by 3 dB in the AC Electrical
Specs table on page 5.
Added condition to tR and tF specs in the AC Electrical specs table on page 5
that input rise/fall time must be less than 1.5 ns (20% to 80%).
Changed letter case and some names of all the timing parameters in Figures
2, 3, 4, 5 and 7, to be consistent with EROS.
*B
3011766
CXQ
08/20/2010
Changed from 0.25 ps to 0.15 ps maximum additive jitter in “Features” on page
1 and in tJIT in the AC Electrical Specs table on page 6.
Added note 2 to describe IIH and IIL specs.
Removed reference to data distribution from “Functional Description”.
Updated phase noise specs for 1 k/10 k/100 k/1 M/10 M/20 MHz offset to
-120/-130/-135/-150/-150/-150dBc/Hz, respectively, in the AC Electrical
Specs table.
Updated package diagram.
Added Acronyms and Ordering Code Definition.
*C
3017258
CXQ
08/27/2010
Corrected Output Rise/Fall time diagram.
*D
3100234
CXQ
11/18/2010
Changed VIN and VOUT specs from 4.0V to “lesser of 4.0 or VDD + 0.4”
Removed 200mA min LU spec, replaced with “Meets or exceeds JEDEC Spec
JESD78B IC Latchup Test”
Changed CIN condition to “Measured at 10 MHz”.
Removed tR and tF input specs from AC specs table.
Changed tODC from 48/52% to 45/55%, changed condition to “Rail-to-rail input
swing, 50% input duty cycle measured at Vdd/2”.
Changed phase jitter condition to “156.25 MHz sinewave, 12 kHz to 20 MHz
offset; input swing = 2.2V, Vbias = VDD/2 “
Removed tS and tH specs from AC specs table.
*E
3137726
CXQ
01/13/2011
Removed “Preliminary” status heading.
Removed resistors from IN0/IN1 in Logic Block Diagram.
Added Figure 8 to describe TSOE and TSOD.
*F
3182321
CXQ
02/25/11
Post to external web.
[+] Feedback


Similar Part No. - CY2CP1504

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CY2C11S-20.000 CRYSTEKCRYSTAL-CY2C11S-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
CY2C11T-20.000 CRYSTEKCRYSTAL-CY2C11T-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
CY2C11V-20.000 CRYSTEKCRYSTAL-CY2C11V-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
CY2C13S-20.000 CRYSTEKCRYSTAL-CY2C13S-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
CY2C13T-20.000 CRYSTEKCRYSTAL-CY2C13T-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
More results

Similar Description - CY2CP1504

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
   3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Cypress Semiconductor
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
8536I-33 IDT-8536I-33 Datasheet
347Kb / 19P
   LVPECL/LVCMOS Fanout Buffer
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com