Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CP1504 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2CP1504
Description  1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CP1504 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2CP1504 Datasheet HTML 1Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 2Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 3Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 4Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 5Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 6Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 7Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 8Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY2CP1504
1:4 LVCMOS to LVPECL Fanout Buffer
with Selectable Clock Input
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-56313 Rev. *F
Revised February 25, 2011
Features
Select one of two low-voltage complementary metal oxide
semiconductor (LVCMOS) inputs to distribute to four
low-voltage positive emitter-coupled logic (LVPECL) output
pairs
30-ps maximum output-to-output skew
480-ps maximum propagation delay
0.15-ps maximum additive RMS phase jitter at 156.25 MHz
(12-kHz to 20-MHz offset)
Up to 250 MHz operation
Synchronous clock enable function
20-Pin thin shrunk small outline package (TSSOP) package
2.5-V or 3.3-V operating voltage
[1]
Commercial and industrial operating temperature range
Functional Description
The
CY2CP1504
is
an
ultra-low
noise,
low-skew,
low-propagation delay 1:4 LVCMOS to LVPECL fanout buffer
targeted to meet the requirements of high-speed clock
distribution applications. The CY2CP1504 can select between
two separate LVCMOS input clocks using the IN_SEL pin. The
synchronous clock enable function ensures glitch-free output
transitions during enable and disable periods. The device has a
fully differential internal architecture that is optimized to achieve
low additive jitter and low skew at operating frequencies of up to
250 MHz.
Note
1. Input AC-coupling capacitors are required for voltage-translation applications.
Logic Block Diagram
CLK_EN
Q0
Q0#
Q1
Q1#
Q2
Q2#
Q3
Q3#
IN0
IN1
100k
IN_SEL
VDD
VSS
100k
VDD
D
Q
[+] Feedback


Similar Part No. - CY2CP1504

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CY2C11S-20.000 CRYSTEKCRYSTAL-CY2C11S-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
CY2C11T-20.000 CRYSTEKCRYSTAL-CY2C11T-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
CY2C11V-20.000 CRYSTEKCRYSTAL-CY2C11V-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
CY2C13S-20.000 CRYSTEKCRYSTAL-CY2C13S-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
CY2C13T-20.000 CRYSTEKCRYSTAL-CY2C13T-20.000 Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
More results

Similar Description - CY2CP1504

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
   3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Cypress Semiconductor
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
8536I-33 IDT-8536I-33 Datasheet
347Kb / 19P
   LVPECL/LVCMOS Fanout Buffer
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com