Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CP1504 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2CP1504
Description  1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CP1504 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2CP1504 Datasheet HTML 1Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 2Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 3Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 4Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 5Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 6Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 7Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 8Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY2CP1504
Document Number: 001-56313 Rev. *F
Page 5 of 13
DC Electrical Specifications
(VDD = 3.3 V ± 5% or 2.5 V ± 5%; TA = 0 °C to 70 °C (Commercial) or –40 °C to 85 °C (Industrial))
Parameter
Description
Condition
Min
Max
Unit
IDD
Operating supply current
All LVPECL outputs floating (internal IDD)–
61
mA
VIH1
Input high voltage, All inputs
VDD = 3.3 V
2.0
VDD + 0.3
V
VIL1
Input low voltage, All inputs
VDD = 3.3 V
–0.3
0.8
V
VIH2
Input high voltage, All inputs
VDD = 2.5 V
1.7
VDD + 0.3
V
VIL2
Input low voltage, All inputs
VDD = 2.5 V
–0.3
0.7
V
IIH
Input high current, All inputs
Input = VDD
[3]
150
μA
IIL
Input low current, All inputs
Input = VSS
[3]
–150
μA
VOH
LVPECL output high voltage
Terminated with 50
Ω to V
DD – 2.0
[4]
VDD – 1.20 VDD – 0.70
V
VOL
LVPECL output low voltage
Terminated with 50
Ω to V
DD – 2.0
[4]
VDD – 2.0 VDD – 1.63
V
RP
Internal pull-up/pull-down resistance
CLK_EN has pull-up only
IN_SEL has pull-down only
60
140
k
Ω
CIN
Input capacitance
Measured at 10 MHz; per pin
3
pF
Notes
3. Positive current flows into the input pin, negative current flows out of the input pin.
4. Refer to Figure 2 on page 7.
[+] Feedback


Similar Part No. - CY2CP1504

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CY2C11S-20.000 CRYSTEKCRYSTAL-CY2C11S-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2C11T-20.000 CRYSTEKCRYSTAL-CY2C11T-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2C11V-20.000 CRYSTEKCRYSTAL-CY2C11V-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2C13S-20.000 CRYSTEKCRYSTAL-CY2C13S-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2C13T-20.000 CRYSTEKCRYSTAL-CY2C13T-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
More results

Similar Description - CY2CP1504

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
logo
Cypress Semiconductor
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
8536I-33 IDT-8536I-33 Datasheet
347Kb / 19P
LVPECL/LVCMOS Fanout Buffer
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com