Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CP1504 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2CP1504
Description  1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CP1504 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2CP1504 Datasheet HTML 1Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 2Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 3Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 4Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 5Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 6Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 7Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 8Page - Cypress Semiconductor CY2CP1504 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY2CP1504
Document Number: 001-56313 Rev. *F
Page 4 of 13
Absolute Maximum Ratings
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
Nonfunctional
–0.5
4.6
V
VIN
[2]
Input voltage, relative to VSS
Nonfunctional
–0.5
lesser of 4.0
or VDD + 0.4
V
VOUT
[2]
DC output or I/O voltage, relative to VSS
Nonfunctional
–0.5
lesser of 4.0
or VDD + 0.4
V
TS
Storage temperature
Nonfunctional
–55
150
°C
ESDHBM
Electrostatic discharge (ESD) protection
(Human body model)
JEDEC STD 22-A114-B
2000
V
LU
Latch up
Meets or exceeds JEDEC Spec
JESD78B IC Latchup Test
UL–94
Flammability rating
At 1/8 in
V-0
MSL
Moisture sensitivity level
3
Operating Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply voltage
2.5-V supply
2.375
2.625
V
3.3-V supply
3.135
3.465
V
TA
Ambient operating temperature
Commercial
0
70
°C
Industrial
–40
85
°C
tPU
Power ramp time
Power-up time for VDD to reach
minimum specified voltage (power
ramp must be monotonic)
0.05
500
ms
Note
2. The voltage on any I/O pin cannot exceed the power pin during power up. Power supply sequencing is not required.
[+] Feedback


Similar Part No. - CY2CP1504

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CY2C11S-20.000 CRYSTEKCRYSTAL-CY2C11S-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2C11T-20.000 CRYSTEKCRYSTAL-CY2C11T-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2C11V-20.000 CRYSTEKCRYSTAL-CY2C11V-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2C13S-20.000 CRYSTEKCRYSTAL-CY2C13S-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2C13T-20.000 CRYSTEKCRYSTAL-CY2C13T-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
More results

Similar Description - CY2CP1504

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Cypress Semiconductor
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Integrated Device Techn...
8536I-33 IDT-8536I-33 Datasheet
347Kb / 19P
LVPECL/LVCMOS Fanout Buffer
logo
Renesas Technology Corp
MC100ES6535 RENESAS-MC100ES6535 Datasheet
450Kb / 10P
3.3V LVCMOS-to-LVPECL 1:4 Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com