Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE060AET5TA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXRE060AET5TA
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060AET5TA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXRE060AET5TA Datasheet HTML 1Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 2Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 3Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 4Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 5Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 6Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 7Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 8Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXRE060
ZXRE060
Document number: DS33611 Rev. 2 - 2
4 of 10
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics
TA = 25°C, VIN = 3.3V, VOUT = VFB, IOUT = 5mA unless otherwise stated (Note 3).
Symbol Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback voltage
ZXRE060A
0.597
0.6
0.603
V
ZXRE060
0.594
0.6
0.606
TA = 0°C to 85°C
ZXRE060A
0.595
0.605
ZXRE060
0.592
0.608
TA = -40°C to 85°C
ZXRE060A
0.594
0.606
ZXRE060
0.591
0.609
TA = -40°C to 125°C
ZXRE060A
0.593
0.607
ZXRE060
0.590
0.610
FBLOAD
Feedback pin load
regulation
IOUT = 1 to 15mA
3.8
6
mV
TA = -40 to 125°C
10
FBLINE
Feedback pin line
regulation
VIN = 2V to 18V
0.1
1
mV
VIN = 2.2V to 18V
TA = -40 to 125°C
1.5
FBOVR
Output voltage
regulation
VOUT = 0.2V to 18V,
IOUT =1mA
(Ref. Figure 1)
1
mV
TA = -40 to 125°C
1.5
IFB
FB input bias
current
VIN = 18V
-45
nA
TA = -40 to 125°C
-200
0
IIN
Input current
VIN = 2V to 18V
IOUT =0.3mA
0.35
0.7
mA
VIN = 2.2V to 18V
TA = -40 to 125°C
1
VIN = 2V to 18V
IOUT =10mA
0.48
1
mA
VIN = 2.2V to 18V
TA = -40 to 125°C
1.5
IOUT(LK)
OUT leakage
current
VIN = 18V,
VOUT = 18V,
VFB =0V
0.1
µA
TA = 125°C
1
ZOUT
Dynamic Output
Impedance
IOUT = 1 to 15mA
f < 1kHz
0.25
0.4
Ω
TA = -40 to125°C
0.6
PSRR
Power supply
rejection ratio
f=300kHz
VAC= 0.3VPP
>45
dB
BW
Amplifier Unity Gain
Frequency
Ref: Fig 2
600
kHz
G
Amplifier
Transconductance
5000
mA/V
Note:
3. Production testing of the device is performed at 25
°C. Functional operation of the device and parameters specified over the operating temperature
range are guaranteed by design, characterisation and process control.


Similar Part No. - ZXRE060AET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
414Kb / 12P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
More results

Similar Description - ZXRE060AET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
   0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com