Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE060AET5TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXRE060AET5TA
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060AET5TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXRE060AET5TA Datasheet HTML 1Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 2Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 3Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 4Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 5Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 6Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 7Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 8Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ZXRE060
ZXRE060
Document number: DS33611 Rev. 2 - 2
1 of 10
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Description
The ZXRE060 is a 5-terminal adjustable shunt regulator
offering
excellent
temperature
stability
and
output
handling capability up to 20mA. The ZXRE060 simplifies
the design of isolated low voltage DC-DC regulators. With
its low 0.6V FB pin, it can control the regulation of rails as
low 0.6V. This makes it ideal for state of the art
microprocessor/DSP
and
PLD
core
voltage
POL
converters.
The device open-collector output can operate from 0.2V to
18V and regulated output voltage can be set by selection
of two external divider resistors.
Separating the input from the open collector output
enables the ZXRE060 to be used to make low-cost low
drop-out regulators operating at low input voltages.
The ZXRE060 is available in two grades with initial
tolerances of 0.5% and 1% for the A and standard grades
respectively. It is available in space saving low profile
5 pin SC70/SOT353 and Thin SOT23 packages.
The ZXRE060 in TSOT23-5 has its OUT, GND and
FB pins matching the Cathode, Anode and reference pins
of the TL432 and TLV431 in SOT23-3, thereby facilitating
simple upgrade paths.
Pin Assignments
ZXRE060_H5 (SC70-5/SOT353) and ZXRE060_ET5
(TSOT23-5)
Typical Application Circuit
Features
Low reference voltage (VFB = 0.6V)
-40 to 125ºC temperature range
Reference voltage tolerance at 25°C
o
0.5%
ZXRE060A
o
1%
ZXRE060
Typical temperature drift
o
<4 mV (0°C to 70°C)
o
<6 mV (-40°C to 85°C)
o
<12mV (-40°C to 125°C)
0.2V to 18V open-collector output
High power supply rejection
o
(>45dB at 300kHz)
Lead Free by design/RoHS Compliant (Note 1)
“Green”/Halogen free device (Note 2)
Applications
Isolated DC-DC converters
Core voltage POL
Low Voltage Low-Dropout linear regulators
Shunt regulators
Adjustable voltage reference
Notes:
1. No purposefully added lead.
2. Diodes Inc.’s “Green” ploicy can be found on our website at http://www.diodes.com/products/lead_free/index.php.


Similar Part No. - ZXRE060AET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
414Kb / 12P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
More results

Similar Description - ZXRE060AET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
   0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com