Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE060AET5TA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXRE060AET5TA
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060AET5TA Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXRE060AET5TA Datasheet HTML 2Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 3Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 4Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 5Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 6Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 7Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 8Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 9Page - Diodes Incorporated ZXRE060AET5TA Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZXRE060
ZXRE060
Document number: DS33611 Rev. 2 - 2
7 of 10
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information
The following show some typical application examples for the ZXRE060. It is recommended to include the compensation
capacitor C2 to guarantee stability. C2 may range in value from 0.1µF to 10µF depending on the application and the
environment.
Both C1 and C2 should be as close to the ZXRE060 as possible and connected to it with the shortest possible track. In the
case of and, it means the opto-coupler will have to be carefully positioned to enable this.
Figure 3. 0.6V Shunt Regulator
Figure 4. 1.0V Shunt Regulator
REF
V
OUT
V
=
⎛ +
=
2
R
1
R
1
REF
V
OUT
V
3
R
I
OUT
V
IN
V
3
R
=
Figure 5. 0.6V series LDO regulator
Figure 6. 1.0V series LDO regulator
REF
V
OUT
V
=
⎛ +
=
2
R
1
R
1
REF
V
OUT
V
Design guides
1.
Determine IOUT and choose a suitable transistor taking power dissipation into consideration.
2.
Determine IB from
)
1
(min)
FE
h
(
(max)
OUT
I
B
I
+
=
3.
Determine IR3 from
(min)
KA
I
B
I
3
R
I
+
. The design of the ZXRE060 effectively means there is no IKA(min) limitation as in
conventional references. There is only an output leakage current which is a maximum of 1µA. Nevertheless, it is
necessary to determine an IKA(min) to ensure that the device operates within its linear range at all times. IKA(min)
10µA should be adequate for this.
4.
Determine R3 from
3
R
I
)
BE
V
OUT
V
(
IN
V
3
R
+
=
.
5.
Although unlikely to be a problem, ensure that IR3 ≤ 15 mA.


Similar Part No. - ZXRE060AET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
414Kb / 12P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
267Kb / 2P
Space saving packaging for ZXRE060 0.6V shunt regulator
More results

Similar Description - ZXRE060AET5TA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
Precision Adjustable Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com