Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZRC250 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZRC250
Description  PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRC250 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZRC250 Datasheet HTML 1Page - Diodes Incorporated ZRC250 Datasheet HTML 2Page - Diodes Incorporated ZRC250 Datasheet HTML 3Page - Diodes Incorporated ZRC250 Datasheet HTML 4Page - Diodes Incorporated ZRC250 Datasheet HTML 5Page - Diodes Incorporated ZRC250 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZRC250
ZRC250
Document number: DS32182 Rev. 5 - 2
1 of 6
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Description
The ZRC250 uses a bandgap circuit design to achieve a
precision micropower voltage reference of 2.5 volts. The
device is available in a small outline surface mount package,
ideal for applications where space saving is important, as
well as a package for through hole requirements.
The ZRC250 design provides a stable voltage without an
external capacitor and is stable with capacitive loads. The
ZRC250 is recommended for operation between 20
μA and
5mA and so is ideally suited to low power and battery
powered applications.
Excellent
performance
is
maintained
to
an
absolute
maximum of 25mA, however the rugged design and 20 volt
processing allows the reference to withstand transient effects
and currents up to 200mA. Superior switching capability
allows the device to reach stable operating conditions in only
a few microseconds.
Features
Small outline SOT23 package
No stabilizing capacitor required
Low knee current, 15
μA typical
Typical TC 30ppm/°C
Typical slope resistance 0.4
± 2 and 1% tolerance
Industrial temperature range
Operating current 20
μA to 5mA
Transient response, stable in less than 10
μs
Green molding compound (No Br, Sb)
Applications
Battery powered and portable equipment.
Instrumentation.
Test equipment.
Pin Assignments
SOT23 Package Suffix - F
(Top View)
Pin 1 floating or connected to pin 1
E-Line, 3 pin Package Suffix - A
(Bottom View)
Pin 1 floating or connected to pin 3
Typical Application Circuit
OBSOLETE


Similar Part No. - ZRC250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250 ZETEX-ZRC250 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250A01 ZETEX-ZRC250A01 Datasheet
83Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250A01 ZETEX-ZRC250A01 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250A02 ZETEX-ZRC250A02 Datasheet
83Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results

Similar Description - ZRC250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330 Datasheet
121Kb / 5P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400 Datasheet
71Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500 ZETEX-ZRC500 Datasheet
72Kb / 5P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330_03 Datasheet
63Kb / 5P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400_03 Datasheet
60Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 DIODES-ZRC400 Datasheet
105Kb / 6P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com