Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR40402F50 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZR40402F50
Description  PRECISION 5.0 VOLT MICROPOWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR40402F50 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZR40402F50 Datasheet HTML 1Page - Diodes Incorporated ZR40402F50 Datasheet HTML 2Page - Diodes Incorporated ZR40402F50 Datasheet HTML 3Page - Diodes Incorporated ZR40402F50 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL PARAMETER
CONDITIONS
LIMITS
TOL. % UNITS
MIN
TYP
MAX
VR
Reverse Breakdown Voltage
I
R=150µA
4.95
4.90
5.0
5.0
5.05
5.10
1
2
V
IMIN
Minimum Operating Current -55 to 125°C30
60
µA
IR
Recommended Operating
Current
0.06
15
mA
TC
Average Reverse
Breakdown Voltage Temp.
Co.
-40 to 85°C
IR(min) to
IR(max)
20
100
ppm/°C
TC
Average Reverse
Breakdown Voltage Temp.
Co.
-55 to 125°C
IR(min) to
IR(max)
40
125
ppm/°C
RS §
Slope Resistance
0.33
1.5
ZR
Reverse Dynamic
Impedance
IR =1mA
f = 100Hz
IAC=0.1 IR
0.4
1.0
EN
Wideband Noise Voltage
IR =1mA
f= 10Hz to
10kHz
105
µV
(rms)
ZR4040-5.0
ABSOLUTE MAXIMUM RATING
Reverse Current
25mA
Forward Current
25mA
Operating Temperature
-55 to 125°C
Storage Temperature
-55 to 125°C
Power Dissipation (Tamb=25°C)
SOT23
330mW
E-Line, 3 pin (TO92)
500mW
5HYHUVH &KDUDFWHULVWLFV
Reverse Voltage (V)
m











7$ ƒ&
7$ ƒ&
TC =
(V
R
(max)−VR(min)) x 1000000
VR x (T(max)−T(min))
Note: VR(max) - VR(min) is the maximum
deviation in reference voltage measured
over the stated operating temperature
range.
§
RS =
VR Change (IR (min) to IR (max))
IR (max) − IR (min)
4-182


Similar Part No. - ZR40402F50

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402F50TA DIODES-ZR40402F50TA Datasheet
98Kb / 5P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZR40402F50

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 ZETEX-ZRA400 Datasheet
120Kb / 5P
PRECISION 4.0 VOLT MICROPOWER
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com