Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR40402F50 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZR40402F50
Description  PRECISION 5.0 VOLT MICROPOWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR40402F50 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZR40402F50 Datasheet HTML 1Page - Diodes Incorporated ZR40402F50 Datasheet HTML 2Page - Diodes Incorporated ZR40402F50 Datasheet HTML 3Page - Diodes Incorporated ZR40402F50 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRECISION 5.0 VOLT MICROPOWER
VOLTAGE REFERENCE
ISSUE 3 - NOVEMBER 2002
ZR4040-5.0
DEVICE DESCRIPTION
The ZR4040-5.0 uses a bandgap circuit
design to achieve a precision micropower
voltage reference of 5.0 volts. The device
is available in a small outline surface
mount package, ideal for applications
where space saving is important, as well
as
pa c k ag e s
f o r
t h r o u g h
h o l e
requirements.
The ZR4040-5.0 design provides a stable
voltage without an external capacitor and
is stable with capacitive loads. The
ZR4040-5.0 is recommended for operation
between 60
µA and 15mA and so is ideally
suited to low power and battery powered
applications.
Excellent performance is maintained to an
absolute maximum of 25mA, however the
rugged design and 20 volt processing
allows the reference to withstand transient
e f fe cts a nd cu rrents up to 200mA .
Superior switching capability allows the
d evice to re ach s t ab le o p e r at i n g
conditions in only a few microseconds.
FEATURES
Small outline SOT23 package
TO92 style package
No stabilising capacitor required
Typical TC 20ppm/°C
Typical slope resistance 0.33Ω
2% and 1% tolerance
Automotive temperature range
Operating current 60µA to 15mA
Transient response,stable in less than
10
µs
APPLICATIONS
Battery powered and portable
equipment.
Metering and measurement systems.
Instrumentation.
Test equipment.
Data acquisition systems.
Precision power supplies.
9
5
*QG
SCHEMETIC DIAGRAM
4-181


Similar Part No. - ZR40402F50

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402F50TA DIODES-ZR40402F50TA Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZR40402F50

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 ZETEX-ZRA400 Datasheet
120Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com