Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

862-06002 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 862-06002
Description  EMI FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

862-06002 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  862-06002 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL CHARACTERISTICS:
1-1.
VOLTAGE RATING...................................115/250VAC
1-2.
CURRENT RATING
A. @ 115 VAC..........................................6 A RMS MAX
B. @ 250 VAC.........................................6 A RMS MAX
1-3.
OPERATING FREQUENCY......................50/60Hz
1-4.
LEAKAGE CURRENT: EACH LINE TO GROUND
A. @ 115 VAC 60Hz............................0.25 mA MAX
B. @ 250 VAC 50Hz.............................0.45 mA MAX
1-5.
HIPOT RATING (FOR ONE MINUTE)
A. LINE TO GROUND...........................2250 VDC
B. LINE TO LINE.....................................1450 VDC
1-6.
MINIMUM INSERTION LOSS IN dB: (AT 50 OHM SYSTEM)
1-7.
OPERATING TEMPERATURE.................-25° TO +100° C
1-8.
SAFETY:
1-9.
RoHS COMPLIANT
FREQ. MHz
COM. MODE dB
DIF. MODE dB
.05
/
/
.01
/
/
.10
15
6
.15
16
6
.50
25
30
1.0
30
48
5.0
42
40
10
45
40
30
40
40
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
862-06/002
Description:
EMI FILTER
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.ZHANG
01-15-03
01-15-03
JJH / 01-15-03
UNIT: in
REV. C
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Updated Operating Temperature
06-01-06
01-13-09
DP
LY
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
L: 1.3mH
C1: 0.1uF
C2: 3300pF
R: 2.2MΩ
1. PHYSICAL DIMENSIONS
2. ELECTRICAL SCHEMATIC
2.65
FUSE HOLDER
2.6 ± 0.003
R0.04MAX.
1.06MAX.
2.57TYP
PANEL CUTOUT
NOTES:
1. MOUNTING PANEL THICKESS 0.04 TO 0.07 INCHES,
0.25


Similar Part No. - 862-06002

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
862-06001 QUALTEK-862-06001 Datasheet
251Kb / 1P
Qualtek Electronics Corp
862-06003 QUALTEK-862-06003 Datasheet
257Kb / 1P
EMI FILTER
862-06007 QUALTEK-862-06007 Datasheet
276Kb / 1P
MULTI-FUNCTION MODULE FILTER
More results

Similar Description - 862-06002

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
EMI FILTER
864-06-007 QUALTEK-864-06-007 Datasheet
286Kb / 1P
EMI FILTER
864-10-009 QUALTEK-864-10-009 Datasheet
268Kb / 1P
EMI FILTER
880-06-006 QUALTEK-880-06-006 Datasheet
277Kb / 1P
EMI FILTER
882-03-001 QUALTEK-882-03-001 Datasheet
295Kb / 1P
EMI FILTER
882-06-013 QUALTEK-882-06-013 Datasheet
308Kb / 1P
EMI FILTER
882-10-016 QUALTEK-882-10-016 Datasheet
304Kb / 1P
EMI FILTER
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
EMI filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com