Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN216RPH Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LN216RPH
Description  3.0 mm 횞 7.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN216RPH Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LN216RPH_08 Datasheet HTML 1Page - Panasonic Semiconductor LN216RPH_08 Datasheet HTML 2Page - Panasonic Semiconductor LN216RPH_08 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SHD00453BEK
This product complies with the RoHS Directive (EU 2002/95/EC).
This product complies with the RoHS Directive (EU 2002/95/EC).
LN216RPH
2
Package (Unit: mm)
LLXFTN2SF160
2.54
0.8
0.5
1 2
2 − 0.8 Max
2 − 0.6 ± 0.1
7.2 ± 0.2
5.0 ± 0.2
4.8 ± 0.2
3.2 ± 0.2
3.0 ± 0.2
7.0 ± 0.2
0.6 ± 0.1
Pin name
1: Anode
2: Cathode


Similar Part No. - LN216RPH_08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
3.0 mm X 7.0 mm Series
More results

Similar Description - LN216RPH_08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
3.0 mm X 7.0 mm Series
LN220RPH PANASONIC-LN220RPH Datasheet
31Kb / 1P
1.75 mm X 7.0 mm Series
LN248WAL PANASONIC-LN248WAL Datasheet
29Kb / 1P
5.0 mm 횞 2.0 mm Series
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
7.0 mm x 5.0 mm XO
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
5.3 mm 횞 1.8 mm
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
1.75 mm 횞 7.0 mm
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
7.0 x 5.0 mm, SMD
05 December 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com