Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN216RPH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN216RPH
Description  3.0 mm 횞 7.0 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN216RPH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN216RPH_08 Datasheet HTML 1Page - Panasonic Semiconductor LN216RPH_08 Datasheet HTML 2Page - Panasonic Semiconductor LN216RPH_08 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD00453BEK
This product complies with the RoHS Directive (EU 2002/95/EC).
This product complies with the RoHS Directive (EU 2002/95/EC).
Publication date: November 2008
1
Light Emitting Diodes
LN216RPH
Square Type
3.0 mm × 7.0 mm
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Power dissipation
PD
70
mW
Forward current
IF
25
mA
Pulse forward current *
IFP
150
mA
Reverse voltage
VR
4
V
Operating ambient temperature
Topr
–25 to +85
°
C
Storage temperature
Tstg
–30 to +100
°
C
Note) *: The condition of IFP is duty 10%, Pulse width 1 msec.
Electro-Optical Characteristics Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Luminous intensity
IO
0.2
0.5
mcd
Reverse current
IR
VR = 4 V
5
µA
Forward voltage
VF
IF = 20 mA
2.2
2.8
V
Peak emission wavelength
λP
IF = 20 mA
700
nm
Spectral half band width
Δλ
IF = 20 mA
100
nm
Directive characteristics
IO  IF
IF  VF
IF  Ta
Relative luminous intensity (%)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Forward voltage VF (V)
Forward current IF (mA)
Relative luminous intensity  Ta
Relative luminous intensity  λP
Peak emission wavelength λP (nm)
500
1000
300
30
50
100
10
0
20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50 100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
20°
30°
40°
50°
10°
60°
70°
80°
90°
90°
80°
20°
30°
40°
50°
10°
60°
70°
80°
20°
40°
60°
0
0
20
20
10
30
40
50
40
60
80
100
100
500
600
700
800
80
60
40
20
0
0
20
40
60
80 100
20
40
60
80
100
Lighting Color
Red


Similar Part No. - LN216RPH_08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
   3.0 mm X 7.0 mm Series
More results

Similar Description - LN216RPH_08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
   1.75 mm 횞 7.0 mm
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
   3.0 mm X 7.0 mm Series
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
   7.0 mm x 5.0 mm XO
logo
Panasonic Semiconductor
LN220RPH PANASONIC-LN220RPH Datasheet
31Kb / 1P
   1.75 mm X 7.0 mm Series
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
   Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
logo
Cypress Semiconductor
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
   Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
   Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
Panasonic Semiconductor
LN248WAL PANASONIC-LN248WAL Datasheet
29Kb / 1P
   5.0 mm 횞 2.0 mm Series
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com