Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6628 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6628
Description  Negative Trigger Input for Watchdog
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6628 Datasheet HTML 1Page - ATMEL Corporation ATA6628 Datasheet HTML 2Page - ATMEL Corporation ATA6628 Datasheet HTML 3Page - ATMEL Corporation ATA6628 Datasheet HTML 4Page - ATMEL Corporation ATA6628 Datasheet HTML 5Page - ATMEL Corporation ATA6628 Datasheet HTML 6Page - ATMEL Corporation ATA6628 Datasheet HTML 7Page - ATMEL Corporation ATA6628 Datasheet HTML 8Page - ATMEL Corporation ATA6628 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Features
Master and Slave Operation Possible
Supply Voltage up to 40V
Operating voltage V
S = 5V to 27V
Typically 10 µA Supply Current During Sleep Mode
Typically 40 µA Supply Current in Silent Mode
Linear Low-drop Voltage Regulator:
– Normal, Fail-safe, and Silent Mode
• ATA6628 V
CC = 3.3V ±2%
• ATA6630 V
CC = 5.0V ±2%
– In Sleep Mode VCC is Switched Off
VCC- Undervoltage Detection (4 ms Reset Time) and Watchdog Reset Logical
Combined at Open Drain Output NRES
High-speed Mode Up to 115 kBaud
Internal 1:6 Voltage Divider for V
Battery Sensing
Negative Trigger Input for Watchdog
Boosting the Voltage Regulator Possible with an External NPN Transistor
LIN Physical Layer According to LIN 2.0, 2.1 and SAEJ2602-2
Wake-up Capability via LIN-bus, Wake Pin, or Kl_15 Pin
INH Output to Control an External Voltage Regulator or to Switch off the Master Pull Up
Resistor
Bus Pin is Overtemperature and Short-circuit Protected versus GND and Battery
Adjustable Watchdog Time via External Resistor
Advanced EMC and ESD Performance
Fulfills the OEM “Hardware Requirements for LIN in Automotive Applications Rev.1.1”
Interference and Damage Protection According ISO7637
Package: QFN 5 mm
× 5 mm with 20 Pins
1.
Description
The ATA6628 is a fully integrated LIN transceiver, which complies with the LIN 2.0,
2.1 and SAEJ2602-2 specifications. It has a low-drop voltage regulator for
3.3V/50 mA output and a window watchdog. The ATA6630 has the same functionality
as the ATA6628; however, it uses a 5V/50 mA regulator. The voltage regulator is able
to source 50 mA, but the output current can be boosted by using an external NPN
transistor. This chip combination makes it possible to develop inexpensive, simple, yet
powerful slave and master nodes for LIN-bus systems. ATA6628/ATA6630 are
designed to handle the low-speed data communication in vehicles, e.g., in conve-
nience electronics. Improved slope control at the LIN-driver ensures secure data
communication up to 20 kBaud. Sleep Mode and Silent Mode guarantee very low cur-
rent consumption.
LIN Bus
Transceiver
with 3.3V (5V)
Regulator and
Watchdog
ATA6628
ATA6630
Preliminary
9117E–AUTO–07/10


Similar Part No. - ATA6628

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results

Similar Description - ATA6628

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
logo
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
Negative output from positive input
logo
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
Optional Schmitt-trigger input
logo
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
Schmitt trigger input
logo
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
Input Range incl. Negative Rail
03/25/14
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
Dual JK flip-flop with reset; negative-edge trigger
logo
List of Unclassifed Man...
AT2005B ETC-AT2005B Datasheet
1Mb / 6P
OP COMPENSATION NEGATIVE INPUT
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com