Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C32D Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT24C32D
Description  electrically erasable and programmable read only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32D Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT24C32D Datasheet HTML 13Page - ATMEL Corporation AT24C32D Datasheet HTML 14Page - ATMEL Corporation AT24C32D Datasheet HTML 15Page - ATMEL Corporation AT24C32D Datasheet HTML 16Page - ATMEL Corporation AT24C32D Datasheet HTML 17Page - ATMEL Corporation AT24C32D Datasheet HTML 18Page - ATMEL Corporation AT24C32D Datasheet HTML 19Page - ATMEL Corporation AT24C32D Datasheet HTML 20Page - ATMEL Corporation AT24C32D Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
8717B–SEEPR–6/10
Atmel AT24C32D/64D
10.
Ordering Codes
Atmel AT24C32D Ordering Information
Notes:
1. “-B” denotes bulk delivery
2. “-T” denotes tape and reel delivery. SOIC = 4K/reel. TSSOP, UDFN, XDFN, SOT23 and VFBGA = 5K/reel
3. For Wafer sales, please contact Atmel Sales
Ordering Code
Voltage
Package
Operation Range
AT24C32D-SSHM-B(1) (NiPdAu Lead Finish)
AT24C32D-SSHM-T(2) (NiPdAu Lead Finish)
AT24C32D-XHM-B(1) (NiPdAu Lead Finish)
AT24C32D-XHM-T(2) (NiPdAu Lead Finish)
AT24C32D-MAHM-T(2) (NiPdAu Lead Finish)
AT24C32D-MEHM-T(2) (NiPdAu Lead Finish)
AT24C32D-STUM-T(2)
AT24C32D-CUM-T(2)
1.7 to 5.5
1.7 to 5.5
1.7 to 5.5
1.7 to 5.5
1.7 to 5.5
1.7 to 5.5
1.7 to 5.5
1.7 to 5.5
8S1
8S1
8A2
8A2
8Y6
8ME1
5TS1
8U3-1
Lead-free/Halogen-free
Industrial Temperature
(-40
Cto+85C)
AT24C32D-WWU11M(3)
1.7 to 5.5
Die Sale
Industrial Temperature
(-40
Cto+85C)
Package Type
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8A2
8-lead, 4.4mm Body, Plastic, Thin Shrink Small Outline Package (TSSOP)
8Y6
8-lead, 2.00mm x 3.00mm Body, 0.50mm Pitch, Ultra Thin Dual no Lead Package (UDFN)
8ME1
8-lead, 1.80mm x 2.20mm Body, (XDFN)
5TS1
5-lead, 1.60mm Body, Plastic Thin Shrink Small Outline Package (SOT-23)
8U3-1
8-ball, 1.50mm x 2.00mm Body, 0.50mm Pitch, Small Die Ball Grid Array (VFBGA)


Similar Part No. - AT24C32D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D-CUM-T ATMEL-AT24C32D-CUM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MAHM-T ATMEL-AT24C32D-MAHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MEHM-T ATMEL-AT24C32D-MEHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-B ATMEL-AT24C32D-SSHM-B Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-T ATMEL-AT24C32D-SSHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
More results

Similar Description - AT24C32D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com