Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C32D Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C32D
Description  electrically erasable and programmable read only memory
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32D Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C32D Datasheet HTML 1Page - ATMEL Corporation AT24C32D Datasheet HTML 2Page - ATMEL Corporation AT24C32D Datasheet HTML 3Page - ATMEL Corporation AT24C32D Datasheet HTML 4Page - ATMEL Corporation AT24C32D Datasheet HTML 5Page - ATMEL Corporation AT24C32D Datasheet HTML 6Page - ATMEL Corporation AT24C32D Datasheet HTML 7Page - ATMEL Corporation AT24C32D Datasheet HTML 8Page - ATMEL Corporation AT24C32D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
Low-voltage and Standard-voltage Operation
–V
CC = 1.7 to 5.5V
Internally Organized 4096 x 8, 8192 x 8
2-Wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bi-directional Data Transfer Protocol
1MHz (5.0V) and 400KHz (1.8V Compatibility)
Write Protect Pin for Hardware Data Protection
32-Byte Page Write Mode (Partial Page Writes Allowed)
Self-Timed Write Cycle (5ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Lead-free/Halogen-free Devices
8-lead JEDEC SOIC, 8-lead TSSOP, 8-lead UDFN, 8-lead XDFN, 5-lead SOT23
and 8-ball VFBGA
Die Sales: Wafer Form, Waffle Pack and Bumped Wafers
Description
The Atmel® AT24C32D/64D provides 32,768-/65,536-bits of serial electrically eras-
able and programmable read only memory (EEPROM) organized as 4096/8192 words
of 8-bits each. The device’s cascadable feature allows up to eight devices to share a
common 2-wire bus. The device is optimized for use in many industrial and commer-
cial applications where low power and low voltage operation are essential. The
AT24C32D/64D is available in space saving 8-lead JEDEC SOIC, 8-lead TSSOP, 8-
lead UDFN, 8-lead XDFN, 5-lead SOT23 and 8-ball VFBGA and is accessed via a 2-
wire serial interface. In addition, the entire family operates from 1.7V to 5.5V.
VCC
WP
SCL
SDA
A0
A1
A2
GND
4
3
2
1
5
6
7
8
8-lead UDFN
Bottom View
A0
A1
A2
GND
1
2
3
4
8
7
6
5
8-lead SOIC
VCC
WP
SCL
SDA
SCL
GND
SDA
1
2
3
5
4
5-lead SOT23
WP
VCC
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
VCC
WP
SCL
SDA
A0
A1
A2
GND
1
2
3
4
8
7
6
5
8-ball VFBGA
Bottom View
VCC
WP
SCL
SDA
A0
A1
A2
GND
4
3
2
1
5
6
7
8
8-lead XDFN
Bottom View
2-Wire Serial
Electrically
Erasable and
Programmable
Read-only
Memory
32K (4096 x 8)
64K (8192 x 8)
Atmel AT24C32D
Atmel AT24C64D
8717B–SEEPR–6/10
2-Wire, 32K
Serial E2PROM
Note:
For use of 5-lead SOT23,
the software A2, A1, and A0
bits in the device address
word must be set to zero to
properly communicate
Table 0-1.
Pin Configurations
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect


Similar Part No. - AT24C32D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D-CUM-T ATMEL-AT24C32D-CUM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MAHM-T ATMEL-AT24C32D-MAHM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MEHM-T ATMEL-AT24C32D-MEHM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-B ATMEL-AT24C32D-SSHM-B Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-T ATMEL-AT24C32D-SSHM-T Datasheet
1Mb / 27P
2-Wire Serial Electrically Erasable and Programmable Read-only Memory
More results

Similar Description - AT24C32D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
serial electrically-erasable programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com