Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMW-2156 Datasheet(PDF) 3 Page - Sanken electric

Part # FMW-2156
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMW-2156 Datasheet(HTML) 3 Page - Sanken electric

  FMW-2156 Datasheet HTML 1Page - Sanken electric FMW-2156 Datasheet HTML 2Page - Sanken electric FMW-2156 Datasheet HTML 3Page - Sanken electric FMW-2156 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.sanken-ele.co.jp
FMW-2156
Mar. 2008
Schottky Barrier Rectifier
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 3
SANKEN ELECTRIC
Characteristics
Reverse Voltage VR (V)
Forward Power Dissipation
Average Forward Current IF(AV) (A)
Reverse Power Dissipation
Current Derating
Case temperature Tc (°C)
VR=60V
DC
0
5
10
15
20
05
10
15
Tj=150℃
t
T
t/T=1/6
t/T=1/3,sinewave
t/T=1/2
DC
0
5
10
15
0
50
100
150
Tj=150℃
t
T
t/T=1/6
t/T=1/2
DC
sinewave
t/T=1/3
0
5
10
15
20
0
1020304050
60
Tj=150℃
t
T
1-t/T=5/6
sinewave
1-t/T=2/3
1-t/T=1/2


Similar Part No. - FMW-2156

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
210Kb / 4P
Schottky Barrier Rectifier
More results

Similar Description - FMW-2156

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com